Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM564081BA-70 Datasheet(PDF) 3 Page - Etron Technology, Inc.

Part # EM564081BA-70
Description  512K x 8 Low Power SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM564081BA-70 Datasheet(HTML) 3 Page - Etron Technology, Inc.

  EM564081BA-70 Datasheet HTML 1Page - Etron Technology, Inc. EM564081BA-70 Datasheet HTML 2Page - Etron Technology, Inc. EM564081BA-70 Datasheet HTML 3Page - Etron Technology, Inc. EM564081BA-70 Datasheet HTML 4Page - Etron Technology, Inc. EM564081BA-70 Datasheet HTML 5Page - Etron Technology, Inc. EM564081BA-70 Datasheet HTML 6Page - Etron Technology, Inc. EM564081BA-70 Datasheet HTML 7Page - Etron Technology, Inc. EM564081BA-70 Datasheet HTML 8Page - Etron Technology, Inc. EM564081BA-70 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EtronTech
EM564081
Preliminary
3
Rev 0.7
January 2001
Operating Mode
Mode
CE1# CE2
OE#
WE#
DQ0~DQ7
Read
L
H
L
H
DOUT
Write
L
H
X
L
DIN
Output Deselect
L
H
H
H
High-Z
H
X
X
X
Standby
X
L
X
X
High-Z
Note: X = don't care. H=logic high. L=logic low.
Absolute Maximum Ratings
Supply voltage, VDD
-0.3 to +4.6V
Input voltages, VIN
-0.3 to +4.6V
Input and output voltages, VI/O
-0.5 to VDD
+0.5V
Operating temperature, TOPR
-40 to +85
°C
Storage temperature, TSTRG
-55 to +150
°C
Soldering Temperature (10s), TSOLDER
260
°C
Power dissipation, PD
0.6 W
DC Recommended Operating Conditions (Ta=-40
°C to 85°C)
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Power Supply Voltage
2.3
3.6
V
VIH
Input High Voltage
2.2
VDD + 0.3
(1)
V
VIL
Input Low Voltage
-0.3
(2)
0.6
V
VDR
Data Retention Supply Voltage
1.0
3.6
V
Note:
(1) Overshoot : VDD +2.0V in case of pulse width
≤ 20ns
(2) Undershoot : -2.0V in case of pulse width
≤ 20ns


Similar Part No. - EM564081BA-70

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM56400A EMC-EM56400A Datasheet
202Kb / 13P
   TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
More results

Similar Description - EM564081BA-70

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4009 AUSTIN-AS5C4009 Datasheet
108Kb / 12P
   512K x 8 SRAM Ultra Low Power SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com