Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM3U167-B-GDI Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SIM3U167-B-GDI
Description  High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash Die in Wafer Form
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SIM3U167-B-GDI Datasheet(HTML) 5 Page - Silicon Laboratories

  SIM3U167-B-GDI Datasheet HTML 1Page - Silicon Laboratories SIM3U167-B-GDI Datasheet HTML 2Page - Silicon Laboratories SIM3U167-B-GDI Datasheet HTML 3Page - Silicon Laboratories SIM3U167-B-GDI Datasheet HTML 4Page - Silicon Laboratories SIM3U167-B-GDI Datasheet HTML 5Page - Silicon Laboratories SIM3U167-B-GDI Datasheet HTML 6Page - Silicon Laboratories SIM3U167-B-GDI Datasheet HTML 7Page - Silicon Laboratories SIM3U167-B-GDI Datasheet HTML 8Page - Silicon Laboratories SIM3U167-B-GDI Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SiM3U167-B-GDI
Rev. 1.1
5
PB3.0
5 V Tolerant I/O
25
XBR1
AD2m/
D2
CMP0P.2
CMP1P.2
PB2.14
Standard I/O
26
XBR1
AD3m/
D3
Yes
CMP0N.1
CMP1N.1
PB2.13
Standard I/O
27
XBR1
AD4m/
D4
Yes
CMP0P.1
CMP1P.1
PB2.12
Standard I/O
28
XBR1
AD5m/
D5
Yes
CMP0N.0
CMP1N.0
RTC0TCLK_OUT
PB2.11
Standard I/O
29
XBR1
AD6m/
D6
Yes
CMP0P.0
CMP1P.0
PB2.10
Standard I/O
30
XBR1
AD7m/
D7
Yes
PB2.9
Standard I/O
31
XBR1
AD8m/
A0
Yes
PB2.8
Standard I/O
32
XBR1
AD9m/
A1
Yes
PB2.7
Standard I/O
33
XBR1
AD10m/
A2
Yes
INT0.7
INT1.7
PB2.6
Standard I/O
34
XBR1
AD11m/
A3
Yes
INT0.6
INT1.6
PB2.5
Standard I/O
35
XBR1
AD12m /
A4
LSI5
Yes
INT0.5
INT1.5
PB2.4
Standard I/O
36
XBR1
AD13m/
A5
LSI4
Yes
INT0.4
INT1.4
WAKE.7
VIO
Power (I/O)
37
VSS
Ground
38
VSS
Ground
39
Table 2. Pin Definitions and Alternate Functions for SiM3U167-B-GDI (Continued)
Pin Name
Type


Similar Part No. - SIM3U167-B-GDI

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SIM3U167-B-GM SILABS-SIM3U167-B-GM Datasheet
2Mb / 94P
   High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
SIM3U167-B-GQ SILABS-SIM3U167-B-GQ Datasheet
2Mb / 94P
   High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
More results

Similar Description - SIM3U167-B-GDI

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SIM3U1XX SILABS-SIM3U1XX Datasheet
2Mb / 94P
   High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
   High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
   8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F850-C-GM SILABS-C8051F850-C-GM Datasheet
3Mb / 328P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F970-A-GM SILABS-C8051F970-A-GM Datasheet
3Mb / 454P
   Low Power Capacitive Sensing MCU with up to 32 kB of Flash
C8051F97X SILABS-C8051F97X Datasheet
16Mb / 455P
   Low Power Capacitive Sensing MCU with up to 32 kB of Flash
Rev 1.1 12/16
C8051F330-GDI SILABS-C8051F330-GDI Datasheet
210Kb / 11P
   25 MIPS, 8 kB Flash, 10-Bit DAC, 10-Bit ADC MCU Die in Wafer Form
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com