Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1549 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG1549
Description  CURRENT SENSE LATCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1549 Datasheet(HTML) 3 Page - Microsemi Corporation

  SG1549 Datasheet HTML 1Page - Microsemi Corporation SG1549 Datasheet HTML 2Page - Microsemi Corporation SG1549 Datasheet HTML 3Page - Microsemi Corporation SG1549 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
LO Output
1.0
0.5
.01
.3
1.0
0.5
V
PIN 5 = 40V
I
L = 5mA
Off Leakage
On Voltage
SG1549/SG2549/SG3549
TYPICAL SWITCHING CHARACTERISTICS (Note 4)
(V
S
= 5V, T
A
= 25
°C)
Reset Minimum Pulse Width (T
W1)
Delay from Reset to LO Output (T
D(OFF))
LO Input Minimum Pulse Width (T
W2)
Delay from LO Input to LO Output (T
D(ON))
Delay from HI Input to LO Output (T
D(ON))
Delay from HI Output to LO Output
ns
ns
ns
ns
ns
ns
300
600
300
360
900
60
150
300
50
180
300
30
Min. Typ. Max.
SG1549 Series
Test Conditions
Parameter
Units
DYNAMIC TEST CIRCUIT
SWITCHING WAVEFORMS
APPLICATION NOTES
HIGH LINE SENSING - The SG1549 will provide current sensing in the
positive supply line in the typical SG1524 single-ended switching
regulator application shown in Figure 1. The HI CM sense circuitry can
be used with input voltages between 2 and 40 volts.
A value for R
SC is determined by dividing the 100mV input threshold by
the peak current desired. High-frequency noise, or switching transients,
can usually be eliminated by a small capacitor between pins 3 and 4.
Current control may be accomplished by either the HI OUTPUT pin
connected to the SG1524’s Shutdown pin, or the LO OUTPUT pin
connected directly to the Compensation Terminal.
In either case,
activation of the current sense latch will tend to discharge the compen-
sation capacitor, C
C, which may cause slow recovery from pulse limiting.
If this feature is desired, the LO OUTPUT pin may be used to discharge
a soft-start network instead of coupling directly to the SG1524. If it is not
desired, the use of a small value of C
C, and perhaps a diode across RC,
will enhance recovery.
ELECTRICAL CHARACTERISTICS
(V
S =
5V, and over recomended operating temperature, unless otherwise specified.)
Min. Typ. Max. Min. Typ. Max.
SG3549
SG1549/2549
Test Conditions
Parameter
Units
Amplitude = 3.0V
R
L = 470Ω to V S
LO CM Amplitude = 200mV
LO CM Amplitude = 200mV, R
L = 470Ω to VS
Amplitude = 200mV, V
CM = 5V
LO CM Input = 200mV
Off Voltage
On Voltage
0
3.2
0.1
V
V
0
3.2
0.1
I
L = 1mA
2.8
Note 4: These parameters, although guaranteed, are not tested in production.
FIGURE 1 — HIGH LINE SENSING WITH THE SG1549 IN CONJUNCTION
WITH AN SG1524 PWM CONTROL IC
HI Output Section
2.8
.01
.3
µA
V


Similar Part No. - SG1549

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1549 MICROSEMI-SG1549 Datasheet
74Kb / 4P
   CURRENT SENSE LATCH
SG1549 MICROSEMI-SG1549 Datasheet
183Kb / 4P
   CURRENT SENSE LATCH
SG1549Y MICROSEMI-SG1549Y Datasheet
74Kb / 4P
   CURRENT SENSE LATCH
SG1549Y MICROSEMI-SG1549Y Datasheet
183Kb / 4P
   CURRENT SENSE LATCH
SG1549Y/883B MICROSEMI-SG1549Y/883B Datasheet
74Kb / 4P
   CURRENT SENSE LATCH
More results

Similar Description - SG1549

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1549 MICROSEMI-SG1549 Datasheet
74Kb / 4P
   CURRENT SENSE LATCH
SG1549 MICROSEMI-SG1549_1 Datasheet
183Kb / 4P
   CURRENT SENSE LATCH
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF9806-EE5CS XFMRS-XF9806-EE5CS Datasheet
40Kb / 1P
   Current Sense
XF0153-CS6 XFMRS-XF0153-CS6 Datasheet
52Kb / 1P
   Current Sense
XF0603-CS6 XFMRS-XF0603-CS6 Datasheet
55Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS Datasheet
43Kb / 1P
   Current Sense
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com