Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFT0J222AP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFT0J222AP
Description  Aluminum Electrolytic Capacitors/ FT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFT0J222AP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFT0J222AP Datasheet HTML 1Page - Panasonic Semiconductor EEEFT0J222AP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FT
– EEE-46 –
High temperature Lead-Free reflow Products
✽ Size code( ):Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J→J, 1A→A, 1C→C, 1E→E, 1V→V, 1H→H
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
Endurance : 105 °C 2000 h
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
ESR
(100 kHz)
(+20 °C)
tan
d
(120 Hz)
(+20 °C)
Taping
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(
Ω)(pcs)
6.3
100
4
5.8
B
160
0.85
0.26
EEEFT0J101AR
(5)
2000
220
5
5.8
C
240
0.36
0.26
EEEFT0J221AR
(5)
1000
330
6.3
5.8
D
300
0.26
0.26
EEEFT0J331AP
(5)
1000
470
6.3
7.7
D8
600
0.16
0.26
EEEFTJ471XAP
(5)
900
680
6.3
7.7
D8
600
0.16
0.26
EEEFTJ681XAP
(5)
900
1500
8
10.2
F
850
0.08
0.26
EEEFT0J152AP
(6)
500
2200
10
10.2
G
1190
0.06
0.28
EEEFT0J222AP
(6)
500
10
68
4
5.8
B
160
0.85
0.19
EEEFT1A680AR
(5)
2000
150
5
5.8
C
240
0.36
0.19
EEEFT1A151AR
(5)
1000
220
6.3
5.8
D
300
0.26
0.19
EEEFT1A221AP
(5)
1000
330
6.3
7.7
D8
600
0.16
0.19
EEEFTA331XAP
(5)
900
470
6.3
7.7
D8
600
0.16
0.19
EEEFTA471XAP
(5)
900
1000
8
10.2
F
850
0.08
0.19
EEEFT1A102AP
(6)
500
1500
10
10.2
G
1190
0.06
0.19
EEEFT1A152AP
(6)
500
16
47
4
5.8
B
160
0.85
0.16
EEEFT1C470AR
(5)
2000
68
5
5.8
C
240
0.36
0.16
EEEFT1C680AR
(5)
1000
100
5
5.8
C
240
0.36
0.16
EEEFT1C101AR
(5)
1000
150
6.3
5.8
D
300
0.26
0.16
EEEFT1C151AP
(5)
1000
220
6.3
5.8
D
300
0.26
0.16
EEEFT1C221AP
(5)
1000
330
6.3
7.7
D8
600
0.16
0.16
EEEFTC331XAP
(5)
900
680
8
10.2
F
850
0.08
0.16
EEEFT1C681AP
(6)
500
1000
10
10.2
G
1190
0.06
0.16
EEEFT1C102AP
(6)
500
25
22
4
5.8
B
160
0.85
0.14
EEEFT1E220AR
(5)
2000
33
4
5.8
B
160
0.85
0.14
EEEFT1E330AR
(5)
2000
47
5
5.8
C
240
0.36
0.14
EEEFT1E470AR
(5)
1000
68
5
5.8
C
240
0.36
0.14
EEEFT1E680AR
(5)
1000
100
6.3
5.8
D
300
0.26
0.14
EEEFT1E101AP
(5)
1000
150
6.3
7.7
D8
600
0.16
0.14
EEEFTE151XAP
(5)
900
220
6.3
7.7
D8
600
0.16
0.14
EEEFTE221XAP
(5)
900
470
8
10.2
F
850
0.08
0.14
EEEFT1E471AP
(6)
500
820
10
10.2
G
1190
0.06
0.14
EEEFT1E821AP
(6)
500
35
22
4
5.8
B
160
0.85
0.12
EEEFT1V220AR
(5)
2000
33
5
5.8
C
240
0.36
0.12
EEEFT1V330AR
(5)
1000
47
5
5.8
C
240
0.36
0.12
EEEFT1V470AR
(5)
1000
68
6.3
5.8
D
300
0.26
0.12
EEEFT1V680AP
(5)
1000
100
6.3
5.8
D
300
0.26
0.12
EEEFT1V101AP
(5)
1000
150
6.3
7.7
D8
600
0.16
0.12
EEEFTV151XAP
(5)
900
330
8
10.2
F
850
0.08
0.12
EEEFT1V331AP
(6)
500
560
10
10.2
G
1190
0.06
0.12
EEEFT1V561AP
(6)
500
50
10
45.8
(B)
85
2.30
0.10
EEEFTH100UAR
(5)
2000
5
5.8
C
165
0.88
0.10
EEEFT1H100AR
(5)
1000
22
5
5.8
C
165
0.88
0.10
EEEFT1H220AR
(5)
1000
47
6.3
5.8
D
195
0.68
0.10
EEEFT1H470AP
(5)
1000
100
6.3
7.7
D8
350
0.34
0.10
EEEFTH101XAP
(5)
900
220
8
10.2
F
670
0.18
0.10
EEEFT1H221AP
(6)
500
330
10
10.2
G
900
0.12
0.10
EEEFT1H331AP
(6)
500
03 Mar. 2014


Similar Part No. - EEEFT0J222AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFT0J222AP PANASONIC-EEEFT0J222AP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEEFT0J222AP PANASONIC-EEEFT0J222AP Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Pacific Silicon Sensor,...
EEEFT0J222AP PACIFIC-EEEFT0J222AP Datasheet
77Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Panasonic Semiconductor
EEEFT0J222AP PANASONIC-EEEFT0J222AP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEEFT0J222AP PANASONIC-EEEFT0J222AP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
More results

Similar Description - EEEFT0J222AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FT1C681AP PANASONIC-EEE-FT1C681AP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FT1E471AP PANASONIC-EEE-FT1E471AP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FTA331XAP PANASONIC-EEE-FTA331XAP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FTV151XAP PANASONIC-EEE-FTV151XAP Datasheet
66Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Pacific Silicon Sensor,...
EEE-FT1A221AP PACIFIC-EEE-FT1A221AP Datasheet
77Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
logo
Panasonic Semiconductor
EEE-FT1H331AP PANASONIC-EEE-FT1H331AP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FTC331XAP PANASONIC-EEE-FTC331XAP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FTE221XAP PANASONIC-EEE-FTE221XAP Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FT1V561AP PANASONIC-EEE-FT1V561AP Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
EEE-FT1V101AP PANASONIC-EEE-FT1V101AP Datasheet
76Kb / 2P
   Aluminum Electrolytic Capacitors/ FT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com