Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPT1015 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1015
Description  Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1015 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button NPT1015 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. NPT1015 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page 8
NPT1015
NDS-035 Rev. 2, 121213
Typical Performance in 600-1000 MHz Broadband Circuit
(CW, VDS=28V, IDQ=400mA, TC=25C, unless otherwise noted)
Figure 14. Electrical Schematic of 600-1000 MHz Broadband Circuit for NPT1015
(For RF Tuning details see Component Placement Diagram Figure 13)
Figure 15: Performance vs. Frequency
(POUT = PSAT)
Figure 16: Performance vs. Frequency
(POUT = 45dBm)
Figure 17: Gain/Drain Efficiency vs. POUT
(f = 700MHz)
Figure 18: Small Signal s-parameters vs. Frequency
5
10
15
20
25
40
50
60
70
80
600
700
800
900
1,000
Gain
Drain Eff
Psat
Frequency (MHz)
10
15
20
25
30
30
40
50
60
70
600
700
800
900
1,000
Gain
Drain Eff
Frequency (MHz)
15.0
16.0
17.0
18.0
19.0
20.0
0
10
20
30
40
50
60
70
25
30
35
40
45
50
Gain
Drain Eff
P
OUT (dBm)
10
15
20
25
30
35
-30
-25
-20
-15
-10
-5
500
600
700
800
900
1,000
S21
S11
S22
Frequency (MHz)


Similar Part No. - NPT1015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
   GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPT1015B-SMBPPR MA-COM-NPT1015B-SMBPPR Datasheet
1Mb / 12P
   GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPT1015 MA-COM-NPT1015_15 Datasheet
2Mb / 10P
   DC-3.5 GHz HEMT
More results

Similar Description - NPT1015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00004A MA-COM-NPTB00004A Datasheet
2Mb / 10P
   Gallium Nitride 28V, 5W, DC-6 GHz HEMT
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 8P
   Gallium Nitride 48V, 50W, DC-3.5 GHz HEMT
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
   Gallium Nitride 28V, 45W RF Power Transistor
NPT2021-DC-2P2GHZ-50W MA-COM-NPT2021-DC-2P2GHZ-50W Datasheet
951Kb / 4P
   Gallium Nitride 48V, 50W, DC-2.2 GHz HEMT
NPT2010 MA-COM-NPT2010 Datasheet
2Mb / 10P
   Gallium Nitride 48V, 100W, DC-2.2 GHz HEMT
NPT2018 MA-COM-NPT2018 Datasheet
927Kb / 5P
   Gallium Nitride 48V, 12.5W, DC-6 GHz HEMT
NPT2019 MA-COM-NPT2019 Datasheet
918Kb / 5P
   Gallium Nitride 48V, 25W, DC-6 GHz HEMT
NPT2022 MA-COM-NPT2022 Datasheet
2Mb / 10P
   Gallium Nitride 48V, 100W, DC-2 GHz HEMT
NPT1015 MA-COM-NPT1015_15 Datasheet
2Mb / 10P
   DC-3.5 GHz HEMT
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
   Gallium Nitride 28V, 100W RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com