Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF102028 Datasheet(PDF) 2 Page - Ericsson

Part # PTF102028
Description  18 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF102028 Datasheet(HTML) 2 Page - Ericsson

  PTF102028 Datasheet HTML 1Page - Ericsson PTF102028 Datasheet HTML 2Page - Ericsson PTF102028 Datasheet HTML 3Page - Ericsson PTF102028 Datasheet HTML 4Page - Ericsson PTF102028 Datasheet HTML 5Page - Ericsson PTF102028 Datasheet HTML 6Page - Ericsson PTF102028 Datasheet HTML 7Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PTF 102028
2
e
15
16
17
18
19
20
21
860
880
900
920
940
960
Frequency (MHz)
35
40
45
50
55
60
65
70
VDD = 26 V
IDQ = 130 mA
Typical POUT, Gain & Efficiency (at P-1dB)
vs. Frequency
Output Pow er
Efficiency
Gain
Broadband Test Fixture Performance
4
8
12
16
20
920
930
940
950
960
Frequency (MHz)
0
10
20
30
40
50
60
Gain (dB)
Return Loss (dB)
Ef ficiency (%)
0
- 5
-10
-15
-20
-25
VDD = 26 V
IDQ = 130 mA
P
OUT = 18 W
Electrical Characteristics (100% Tested)
Characteristic
Conditions
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 25 mA
V(BR)DSS
65
——
Volts
Drain-Source Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
——
1.0
mA
Gate Threshold Voltage
VDS = 10 V, ID = 75 mA
VGS(th)
3.0
5.0
Volts
Forward Transconductance
VDS = 10 V, ID = 0.5 A
gfs
0.9
Siemens
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
Vdc
Gate-Source Voltage
VGS
±20
Vdc
Operating Junction Temperature
TJ
200
°C
Total Device Dissipation
PD
58
Watts
Above 25°C derate by
0.33
W/°C
Storage Temperature
TSTG
150
°C
Thermal Resistance (TCASE = 70°C)
RqJC
3.0
°C/W
Typical Performance


Similar Part No. - PTF102028

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF102027 ERICSSON-PTF102027 Datasheet
207Kb / 6P
   40 Watts, 925-960 MHz GOLDMOS Field Effect Transistor
More results

Similar Description - PTF102028

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10162 ERICSSON-PTF10162 Datasheet
341Kb / 8P
   18 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10019 ERICSSON-PTF10019 Datasheet
322Kb / 6P
   70 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10193 ERICSSON-PTF10193 Datasheet
331Kb / 6P
   12 Watts, 860-960 MHz GOLDMOS??Field Effect Transistor
PTF10138 ERICSSON-PTF10138 Datasheet
106Kb / 6P
   60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10139 ERICSSON-PTF10139 Datasheet
115Kb / 6P
   60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10160 ERICSSON-PTF10160 Datasheet
253Kb / 7P
   85 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10020 ERICSSON-PTF10020 Datasheet
313Kb / 6P
   125 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10036 ERICSSON-PTF10036 Datasheet
220Kb / 6P
   85 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10133 ERICSSON-PTF10133 Datasheet
177Kb / 6P
   85 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF102027 ERICSSON-PTF102027 Datasheet
207Kb / 6P
   40 Watts, 925-960 MHz GOLDMOS Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com