Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAVR-000202-12790T Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAVR-000202-12790T
Description  Surface Mount GAaS Tuning Varactor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAVR-000202-12790T Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAVR-000202-12790T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAVR-000202-12790T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount GaAs Tuning Varactors
MAVR-000202-12790T
Specification Subject to Change Without Notice
M/A-COM, Inc. ________________________________________________________________________________ 2
North America: Tel. (800) 366-2266
Asia/Pacific:
Tel.
+81-44-884-8296
Europe:
Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax
+81-44-884-8298
Fax
+44 (1344) 300 020
Electrical Specifications @ + 25º C
Gamma 1.13 – 1.38, VR = 2 to 20V
Parameter
Condition
Symbol
Specification
Breakdown Voltage
IR = 10 µA
VB
22 V min.
Reverse Leakage Current
VR = 16 V
IR
100 nA max.
Total Capacitance
1
VR = 4 V
f = 1 MHz
CT
2.7 – 3.3pF
Total Capacitance Ratio
VR = 4 V/20V
f = 1 MHz
-
5.6
1. The values guaranteed for gamma are measured on unpackaged chips.
Dimensional Outline
SC-79 Package
(Outline 1279)


Similar Part No. - MAVR-000202-12790T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-000202-12790T MA-COM-MAVR-000202-12790T_15 Datasheet
76Kb / 2P
   Surface Mount GAaS Tuning Varactor
More results

Similar Description - MAVR-000202-12790T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-011005-12790T MA-COM-MAVR-011005-12790T Datasheet
182Kb / 2P
   Surface Mount GaAs Tuning Varactor
MAVR-011005-12790T MA-COM-MAVR-011005-12790T_15 Datasheet
182Kb / 2P
   Surface Mount GaAs Tuning Varactor
MAVR-000202-12790T MA-COM-MAVR-000202-12790T_15 Datasheet
76Kb / 2P
   Surface Mount GAaS Tuning Varactor
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
M/A-COM Technology Solu...
MA46-SERIES MA-COM-MA46-SERIES Datasheet
154Kb / 4P
   Surface Mount GaAs Tuning Varactors
logo
Tyco Electronics
MA46 MACOM-MA46 Datasheet
121Kb / 4P
   Surface Mount GaAs Tuning Varactors
logo
M/A-COM Technology Solu...
MA46 MA-COM-MA46 Datasheet
154Kb / 4P
   Surface Mount GaAs Tuning Varactors
MA46 MA-COM-MA46_15 Datasheet
762Kb / 4P
   Surface Mount GaAs Tuning Varactors
logo
Tyco Electronics
MA46 MACOM-MA46_1 Datasheet
205Kb / 4P
   Surface Mount GaAs Tuning Varactors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com