Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC75U-560 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSC75U-560
Description  72~75 Watt Universal 3-Wire Input Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSC75U-560 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSC75U-560 Datasheet HTML 1Page - Phihong USA Inc. PSC75U-560 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revised 11/21/2011
WWW.PHIHONG.COM
72~75 Watt Universal 3-Wire Input Adapter
PSC75U Adapter Series Meets EISA and Ecodesign Requirements
Features
 Class B EMI
 Non-Vented/Spill-proof Case
 Ecodesign ErP Directive 2009/125/EC
level 2 annex 1b Compliant
 OTC, OVP, and OCP
 Level V Efficiency
Applications
 Networking
 Security Equipment
Safety Approvals
 cUL/UL
 IEC 60950-1
 CE
Mechanical Characteristics
 Length: 150.5mm (5.93in)
 Height: 39mm (1.54in)
 Width: 70.5mm (2.78in)
 Weight: 475g (16.76oz)
Output Specifications
(1) Measured after 10 minutes warm up at 25°C with 12-inch twisted pair terminated with a 10uF capacitor and 0.1uF
ceramic in parallel.
(2) Special Order Item, contact Phihong for ordering details.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
Output
Efficiency
Min.
Max.
P-P (max.)
Power
Level
PSC75U-480 (2)
+48V
0A
1.5A
480mV
72W
PSC75U-560 (2)
+56V
0A
1.34A
560mV
75W


Similar Part No. - PSC75U-560

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC75U-560 PHIHONG-PSC75U-560 Datasheet
120Kb / 2P
   75 Watt Universal 3-Wire Input Adapter
More results

Similar Description - PSC75U-560

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC75U-560 PHIHONG-PSC75U-560 Datasheet
120Kb / 2P
   75 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480_14 Datasheet
146Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480 Datasheet
135Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC30U-120V PHIHONG-PSC30U-120V_14 Datasheet
93Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSA120U-120V PHIHONG-PSA120U-120V Datasheet
317Kb / 3P
   120 Watt Universal 3-Wire Input Adapter
PSA120U-120 PHIHONG-PSA120U-120 Datasheet
150Kb / 3P
   120 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com