Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVC-105-5 Datasheet(PDF) 8 Page - Alpha Wire

Part # PVC-105-5
Description  Better wire management means better harnesses
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-5 Datasheet(HTML) 8 Page - Alpha Wire

Back Button PVC-105-5 Datasheet HTML 4Page - Alpha Wire PVC-105-5 Datasheet HTML 5Page - Alpha Wire PVC-105-5 Datasheet HTML 6Page - Alpha Wire PVC-105-5 Datasheet HTML 7Page - Alpha Wire PVC-105-5 Datasheet HTML 8Page - Alpha Wire PVC-105-5 Datasheet HTML 9Page - Alpha Wire PVC-105-5 Datasheet HTML 10Page - Alpha Wire PVC-105-5 Datasheet HTML 11Page - Alpha Wire PVC-105-5 Datasheet HTML 12Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
488
Expandable Polyester Webbed
Sleeving
ZIP-GRP
ZIP-GRP expandable webbing
offers superb flexibility and high
tensile strength while providing
added protection against flame,
chemicals, and abrasion. With its
hook and loop fastening, wires,
cable assemblies, and wire
harnesses are always accessible
and can be easily opened for any
number of breakouts. To prevent
fraying of ends, ZIP-GRP should
be cut/sealed with a hot knife.
Lacing Tape
Alpha lacing tapes offer high
tensile strength and knot retention.
Designed to allow a wider contact
area with the insulation so that
it remains in place, lacing tape is
flexible and easy on the assembler’s
hands. Once knotted, tape resists
slipping and does not increase
diameter of harness. Nylon has
excellent tensile strength and
resists acids, abrasion, flame, and
fungus. Polyester has all the
characteristics of nylon, but has
better resistance to acids, and no
appreciable discoloration.
Tinned and Silver-Plated
Copper Braid
A tight weave of multistrand, soft
drawn copper wire, either tinned
or silver plated, copper braid is an
ideal shielding material for short-
run cables providing easy radial
termination. In retrofit applications,
provides additional shielding
efficiency. Tinned copper flat braid,
used as a ground strap, provides
an excellent, low-resistance
ground path.
FIT® Wire Management
Better wire management means better harnesses


Similar Part No. - PVC-105-5

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PVC-105-5 ALPHAWIRE-PVC-105-5 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
PVC-105-5/16 ALPHAWIRE-PVC-105-5/16 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
PVC-105-5/8 ALPHAWIRE-PVC-105-5/8 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
PVC-105-516 ALPHAWIRE-PVC-105-516 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
PVC-105-58 ALPHAWIRE-PVC-105-58 Datasheet
98Kb / 4P
   Customer Specification
9/8/2022
More results

Similar Description - PVC-105-5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS6111 ONSEMI-NIS6111 Datasheet
65Kb / 8P
   Better Efficiency Rectifier System
September, 2004 ??Rev. P3
logo
Powertip Technology
PC2004LRS-BSO-B POWERTIP-PC2004LRS-BSO-B Datasheet
130Kb / 10P
   DISPLAY DEVICES FOR BETTER ELECYRONOC DESIGN
logo
ON Semiconductor
NIS6111 ONSEMI-NIS6111_05 Datasheet
145Kb / 8P
   BERS IC (Better Efficiency Rectifier System)
August, 2005 ??Rev. 5
logo
Laird Tech Smart Techno...
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
   Improved detent for better position stability
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
   Higher cutting ability, better cutting quality
logo
KEC(Korea Electronics)
KPS11N60F KEC-KPS11N60F Datasheet
390Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS8N60D KEC-KPS8N60D Datasheet
388Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS11N65F KEC-KPS11N65F Datasheet
390Kb / 6P
   This Super Junction MOSFET has better characteristics
logo
List of Unclassifed Man...
SDP600 ETC2-SDP600 Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
logo
KEC(Korea Electronics)
KPS8N65F KEC-KPS8N65F Datasheet
993Kb / 6P
   This Super Junction MOSFET has better characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com