Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA120-050 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA120-050
Description  120 Watt Low Cost Open Frame Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA120-050 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA120-050_14 Datasheet HTML 1Page - Phihong USA Inc. PSA120-050_14 Datasheet HTML 2Page - Phihong USA Inc. PSA120-050_14 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 11/21/2011
WWW.PHIHONG.COM
120 Watt Low Cost Open Frame Power Supply
PSA120 Single Output Series
Features
 3” x 5” Footprint
 Low Cost
 Low Profile fits 1U Height Requirement
 Zero Minimum load
 Class B Conducted EMI
 Over Voltage and Short Circuit Protection
Applications
 Low Profile Racks
 Computer Peripherals
 POS Terminals
 Routers
 Network Hubs
 Gaming Machines
Safety Approvals
 cUL/UL
 TUV
 CE (Low Voltage Directive)
Mechanical Characteristics
 Length: 127mm (5in)
 Height: 21.4mm (0.85in)
 Width: 50.8mm (2in)
 Weight: 135g (4.7oz)
Output Specifications
(1) 30CFM forced air required. With convection cooling load is 9A for 5V, 6.67A for 12V, and 3.33A for 24V models.
(2) Measure by using a 12 inch twisted pair terminal with a 10uF capacitor and 0.1uF ceramic capacitor in parallel.
(3) 30CFM forced air required. With convection cooling power is 45W for 5V, and 80W for 12V and 24V models.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
(2)
Regulation
Max
Power
(3)
Min.
Max.
(1)
P-P (max.)
Line
Load
PSA120-050
+5V
0A
15A
100mV
±1%
±4%
75W
PSA120-120
+12V
0A
10A
120mV
±1%
±2%
120W
PSA120-240
+24V
0A
5A
240mV
±1%
±2%
120W


Similar Part No. - PSA120-050_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
   120 Watt Low Cost Open Frame Power Supply
More results

Similar Description - PSA120-050_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
   120 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050_14 Datasheet
116Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050 Datasheet
89Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA160-210 PHIHONG-PSA160-210 Datasheet
112Kb / 3P
   160 Watt Low Cost Open Frame Power Supply
PSA065-120 PHIHONG-PSA065-120 Datasheet
80Kb / 2P
   65 Watt Open-Frame Power Supply
PSA065-120 PHIHONG-PSA065-120_14 Datasheet
102Kb / 2P
   65 Watt* Open-Frame Power Supply
PSA065M-120M PHIHONG-PSA065M-120M_14 Datasheet
78Kb / 2P
   65 Watt* Open-Frame Power Supply
logo
Volgen Kaga Electronics...
KLS30F-05S VOLGEN-KLS30F-05S Datasheet
296Kb / 2P
   30 WATT OPEN FRAME POWER SUPPLY
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
   40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
logo
CUI INC
VS-100F-5 CUI-VS-100F-5 Datasheet
86Kb / 2P
   Open Frame Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com