Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF10153 Datasheet(PDF) 4 Page - Ericsson

Part # PTF10153
Description  60 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10153 Datasheet(HTML) 4 Page - Ericsson

  PTF10153 Datasheet HTML 1Page - Ericsson PTF10153 Datasheet HTML 2Page - Ericsson PTF10153 Datasheet HTML 3Page - Ericsson PTF10153 Datasheet HTML 4Page - Ericsson PTF10153 Datasheet HTML 5Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PTF 10153
4
e
Frequency
Z Source
W
Z Load
W
MHz
R
jX
R
jX
1805
2.27
-3.40
2.12
1.20
1842
3.05
-3.86
1.97
1.31
1880
4.07
-4.04
1.88
1.31
1930
4.56
-5.10
1.59
1.68
1960
6.10
-5.90
1.46
1.74
1990
7.50
-6.75
1.48
1.61
2000
8.75
-7.40
1.53
1.64
Impedance Data
VDD = 28 V, POUT = 60 W, IDQ = 650 mA
Z Source
Z Load
G
S
D
0.1
.3
0.2
1805 MHz
2000 MHz
Z Load
Z Source
2000 MHz
1805 MHz
Z0 = 50
W
Test Circuit
Block Diagram for f = 2 GHz
D.U.T.
PTF 10153
NPN RF Transistor
l1
0.086
l 2 GHz
Microstrip
50
W
l2
0.132
l 2 GHz
Microstrip
50
W
l3
0.112
l 2 GHz
Microstrip
9.24
W
l4
0.064
l 2 GHz
Microstrip
78
W
l5
0.127
l 2 GHz
Microstrip
6.64
W
l6
0.041
l 2 GHz
Microstrip
9.24
W
l7
0.206
l 2 GHz
Microstrip
65
W
l8
0.077
l 2 GHz
Microstrip
21.87
W
l9
0.070
l 2 GHz
Microstrip
50
W
l10
0.028
l 2 GHz
Microstrip
50
W
C1, C11
Capicitor, 10 µF
ATC 100 B
C2
Capicitor, 0.1 µF, 50 V
Digi-Key PCC103BCT
C3, C6, C4, C7
Capicitor, 10 pF
ATC 100 B
C5
Capicitor, 1.1 pF
ATC 100 B
C10
Capicitor, 0.30 pF
ATC 100 B
C12
Capicitor, 0.1 µF
ATC 100 B
R1, R2
Resistor, 220
W
Digi-Key 2.2QBK
R3
Resistor, 1.0
W
Digi-Key, # P1OCT
L1
Chip Inductor, 8 µH
Coilcraft A03T
L2
Chip Inductor, 2.7 µH
N/A
L3
Ferrite, 6 mm
N/A
PCB
0.050”,
er =6.0,2oz.Copper,TMM6,RogersCorporation


Similar Part No. - PTF10153

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10154 ERICSSON-PTF10154 Datasheet
256Kb / 5P
   85 Watts, 1.93-1.99 GHz GOLDMOS Field Effect Transistor
More results

Similar Description - PTF10153

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10112 ERICSSON-PTF10112 Datasheet
324Kb / 6P
   60 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10120 ERICSSON-PTF10120 Datasheet
420Kb / 6P
   120 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
   12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10135 ERICSSON-PTF10135 Datasheet
245Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10043 ERICSSON-PTF10043 Datasheet
235Kb / 6P
   12 Watts, 1.9-2.0 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
   6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
   35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
   6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10031 ERICSSON-PTF10031 Datasheet
215Kb / 6P
   50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com