Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8706080 Datasheet(PDF) 3 Page - Alpha Wire

Part # M8706080
Description  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M8706080 Datasheet(HTML) 3 Page - Alpha Wire

  M8706080 Datasheet HTML 1Page - Alpha Wire M8706080 Datasheet HTML 2Page - Alpha Wire M8706080 Datasheet HTML 3Page - Alpha Wire M8706080 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
To Whom It May Concern:
Alpha Wire Part Number:M8706080
M8706080 , RoHS-Compliant Commencing With1/1/2006Production
This document certifies that the Alpha part numbers cited above are manufactured in accordancewith Directive 2002/95/EC of the European
Parliament and of the Council of 27 January 2003,better known as the RoHS Directives, with regards to restrictions of the use of certain
hazardoussubstances used in the manufacture of electrical and electronic equipment. The reader is referredto these Directives for the specific
definitions and extents of these Directives. No Exemptions arerequired for RoHS Compliance on this item.
Substance
Maximum Control Value
Lead
0.1% by weight (1000 ppm)
Mercury
0.1% by weight (1000 ppm)
Cadmium
0.01% by weight (100 ppm)
Hexavalent Chromium
0.1% by weight (1000 ppm)
Polybrominated Biphenyls (PBB)
Polybrominated Diphenyl Ethers (PBDE)
0.1% by weight (1000 ppm)
Including Deca-BDE
0.1% by weight (1000 ppm)
The information provided in this document and disclosure is correct to the best of Alpha Wire'sknowledge, information and belief at the date of its
release. The information provided is designedonly as a general guide for the safe handling, storage, and any other operation of the productitself or
the one that it will become part of. The intent of this document is not to be considered awarranty or quality specification. Regulatory information is
for guidance purposes only. Productusers are responsible for determining the applicability of legislation and regulations based ontheir individual
usage of the product.
Authorized Signatory for the Alpha Wire Company:
Dave Watson, Director of Engineering & QA
11/2/2012


Similar Part No. - M8706080

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
M870 DSE-M870 Datasheet
555Kb / 6P
   PROGRAMMABLE DISPLAY FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
logo
Alpha Wire
M8708120 ALPHAWIRE-M8708120 Datasheet
107Kb / 4P
   Customer Specification
More results

Similar Description - M8706080

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com