Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG10SC3LM Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SG10SC3LM
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SG10SC3LM Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SG10SC3LM Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SG10SC3LM Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SG10SC3LM Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SG10SC3LM Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
外形図については新電元 Webサイトをご参照下さい。捺印表示については
捺印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourweb si
t
e.Asf
ort
he
mar
ki
ng,r
ef
ert
ot
hespeci
f
i
cat
i
on"Mar
ki
ng,Ter
mi
nalConnect
i
on".
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
J533-p2012.06〉)
Package:FTO-
220G
3pi
n
Twi
n
①②③
G10SC3LM
Type No.
品名略号
Date code
ロット記号(例)
Polarity
極性
Control No.
管理番号(例)
4.5
2.54
2.54
0000
10.0
Schot
t
kyBar
r
i
erDi
ode
SG10SC3LM
30V10A
単位
Uni
t
規格値
Rat
i
ngs
条 件
Condi
t
i
ons
記号
Symbol
I
t
em
-55~150
Tstg
保存温度
St
or
ageTemper
at
ur
e
150
Tj
接合部温度
Oper
at
i
ngJunct
i
onTemper
at
ur
e
V
30
VRM
せん頭逆電圧
Maxi
mum Rever
seVol
t
age
V
35
パルス幅 0.
5ms,duty1/40
Pul
sewi
dt
h0.
5ms,dut
y1/
40
VRRSM
繰り返しせん頭サージ逆電圧
Repet
i
t
i
vePeakSur
geRever
seVol
t
age
A
10
50Hz正弦波,抵抗負荷,一素子当りの出力電流平均値 Io/2,Tc=136℃
50Hzsi
newave,Resi
st
ancel
oad,Rat
i
ngf
oreachdi
odeI
o/
2,Tc=136˚
C
Io
出力電流
Aver
ageRect
i
f
i
edFor
war
dCur
r
ent
A
150
50Hz正弦波,非繰り返し 1サイクルせん頭値,Tj=25℃
50Hzsi
newave,Non-
r
epet
i
t
i
ve1cycl
epeakval
ue,Tj
=25˚
C
IFSM
せん頭サージ順電流
PeakSur
geFor
war
dCur
r
ent
325
tp=1ms正弦波,非繰り返し 1サイクルせん頭値,Tj=25℃
t
p=1msSi
newave,Non-
r
epet
i
t
i
ve1cycl
epeakval
ue,Tj
=25˚
C
IFSM1
kV
1.
5
一括端子・ケース裏面間,AC1分間印加
Ter
mi
nal
st
ocasebacksi
de,AC1mi
nut
e
Vdi
s
絶縁耐圧
Di
el
ect
r
i
cSt
r
engt
h
N・m
0.
5
(推奨値:0.
3N・m)
(
Recommendedt
or
que:0.
3N
・m)
TOR
締め付けトルク
Mount
i
ngTor
que
■定格表 RATI
NGS
●絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs
指定のない場合は Tc=25℃/unl
essotherwi
sespeci
fi
ed)
Uni
t:mm
■外観図 OUTLI
NE
V
TYP
0.
4
MAX
0.
45
パルス測定,一素子当りの規格値
Pul
semeasur
ement
,Perdi
ode
IF=4A,
VF
順電圧
For
war
dVol
t
age
mA
MAX
5
パルス測定,一素子当りの規格値
Pul
semeasur
ement
,Perdi
ode
VR=30V,
IR
逆電流
Rever
seCur
r
ent
pF
TYP
310
一素子当りの規格値
Perdi
ode
f=1MHz,VR=10V
Cj
接合容量
Junct
i
onCapaci
t
ance
℃/W
MAX
3
接合部・ケース間
Junct
i
ont
ocase
θjc
熱抵抗
Ther
malResi
st
ance
●電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs
指定のない場合は Tc=25℃/unl
essotherwi
sespeci
fi
ed)
特長
VF
低ノイズ
高速スイッチング
Feat
ur
e
LowVF
LowNoi
se
Hi
ghRecover
ySpeed


Similar Part No. - SG10SC3LM

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SG10SC3LM SHINDENGEN-SG10SC3LM_17 Datasheet
171Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - SG10SC3LM

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com