Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POE20U-560 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # POE20U-560
Description  19.6W Power over Ethernet Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE20U-560 Datasheet(HTML) 1 Page - Phihong USA Inc.

  POE20U-560_14 Datasheet HTML 1Page - Phihong USA Inc. POE20U-560_14 Datasheet HTML 2Page - Phihong USA Inc. POE20U-560_14 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revision 9/9/2013
WWW.PHIHONG.COM
19.6W Power over Ethernet Adapter
POE20U High Power Single Port Injector
Features
 Fully Compliant Detection, Disconnect,
Overload and Voltage Control IEEE802.3af
 UNH IOL Test Report
 Full Protection OCP, OVP
 Diagnostic LEDs
 Gigabit Compatible
 Non-Vented Case
 1 Year Warranty
Applications
 IP Telephones
 Security Cameras
 Wireless Network Access Points
 IP Print Servers
 Blue Tooth Access Points
Safety Approvals
 cUL/UL
 S-Jet
 CE
Mechanical Characteristics
 Length: 140mm (5.51in)
 Height: 36mm (1.42in)
 Width: 65mm (2.55in)
 Weight: 0.2Kg (0.44lb.)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Regulation
Min.
Max.
Line
Load
POE20U-560(G)
56V
0A
0.35A
±4%


Similar Part No. - POE20U-560_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE20U-560 PHIHONG-POE20U-560 Datasheet
99Kb / 3P
   19.6W Power Over Ethernet Adapter
More results

Similar Description - POE20U-560_14

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE20D-1AF PHIHONG-POE20D-1AF Datasheet
113Kb / 3P
   19.6W Power over Ethernet Adapter
POE20U-560 PHIHONG-POE20U-560 Datasheet
99Kb / 3P
   19.6W Power Over Ethernet Adapter
PSA20U-560 PHIHONG-PSA20U-560 Datasheet
69Kb / 2P
   19.6W Power Over Ethernet Adapter
POE20D-1AF PHIHONG-POE20D-1AF_18 Datasheet
393Kb / 4P
   19.6W Power over Ethernet Adapter DC Input Single Port Injector
POE21U-1AF PHIHONG-POE21U-1AF Datasheet
168Kb / 2P
   19.6W Single Port Power over Ethernet Midspan
POE36D-1AT PHIHONG-POE36D-1AT Datasheet
184Kb / 3P
   33.6W Power over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
   30W Power Over Ethernet Adapter
POE60U-560G PHIHONG-POE60U-560G Datasheet
125Kb / 3P
   60W Power Over Ethernet Adapter
POE80U-560G PHIHONG-POE80U-560G_11 Datasheet
90Kb / 3P
   80W Power over Ethernet Adapter
POE30U-560 PHIHONG-POE30U-560 Datasheet
96Kb / 3P
   30W Power Over Ethernet Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com