Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POE14-137 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # POE14-137
Description  DC-DC Power over Ethernet Splitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE14-137 Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE14-137 Datasheet HTML 1Page - Phihong USA Inc. POE14-137 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Type text]
POE14-137 Characteristics
WWW.PHIHONG.COM
INPUT:
DC Input Voltage Range
36 to 57V DC; Receives power from either data or
spare pairs
DC Input Current
0.6A (DC) 36V DC at maximum load
Inrush Current
0.4A maximum
OUTPUT:
Output Power
13.7W at 36-57V DC
Regulation
Line and Load ±5%
Ripple
120mVp-p
Efficiency
72% (typical) at maximum load and 48V DC
ENVIRONMENTAL:
Temperature
Operation
0 to +40°C
Non-Operation
-25 to +65°C
Humidity
Operation
5 to 90%
Immunity
ESD:
EN61000-4-2
Level 3
RS:
EN61000-4-3
Level 3
CS:
EN61000-4-6
Level 3
Note: CS tested with POE20U
EMI
EN55022 Class A
FCC part 15 Class A
Dielectric Withstand (HI-POT) Test
1500V AC for 1 minute, 10mA
Insulation Resistance
Primary to secondary: >10M Ohm 500V DC
FEATURES
Short Circuit Protection
Output can be shorted permanently without damage
Over Voltage Protection
By Zener Clamping
Indicators
Green LED – Output Good
Input and Output Data Connector
RJ45
Warranty
1 Year
Dimension Diagram Unit: mm (inch)


Similar Part No. - POE14-137

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE14-120 PHIHONG-POE14-120 Datasheet
523Kb / 3P
   14W DC-DC Power Over Ethernet Splitter
More results

Similar Description - POE14-137

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE21-120H PHIHONG-POE21-120H Datasheet
105Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120F PHIHONG-POE21-120F Datasheet
119Kb / 2P
   DC-DC Power over Ethernet Splitter
POE45-120 PHIHONG-POE45-120 Datasheet
546Kb / 3P
   45W DC-DC Power Over Ethernet Splitter
POE14-033 PHIHONG-POE14-033 Datasheet
523Kb / 3P
   14W DC-DC Power Over Ethernet Splitter
POE21-120 PHIHONG-POE21-120 Datasheet
183Kb / 2P
   21W DC-DC Power Over Ethernet Splitter
POE45-120 PHIHONG-POE45-120_11 Datasheet
105Kb / 2P
   45W DC-DC Power over Ethernet Splitter
POE21-120 PHIHONG-POE21-120_14 Datasheet
104Kb / 2P
   21W DC-DC Power over Ethernet Splitter
POE60D-560 PHIHONG-POE60D-560 Datasheet
66Kb / 2P
   60W Power over Ethernet Splitter
POE75D-1UP PHIHONG-POE75D-1UP Datasheet
73Kb / 3P
   75W DC Input Power over Ethernet Midspan Ultra Power over Ethernet Single Port Injector
logo
AAEON Technology
PFM-P01A AAEON-PFM-P01A Datasheet
164Kb / 1P
   Provides 5V DC Output with Power over Ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com