Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4208 Datasheet(PDF) 2 Page - Alpha Wire

Part # M4208
Description  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M4208 Datasheet(HTML) 2 Page - Alpha Wire

  M4208 Datasheet HTML 1Page - Alpha Wire M4208 Datasheet HTML 2Page - Alpha Wire M4208 Datasheet HTML 3Page - Alpha Wire M4208 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical & Mechanical Properties
1) Temperature Range
-40 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
48 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
75 +/- 3
3) Inductance
0.097 µH/ft, Nominal
4) Ground Capacitance
16.1 pf/ft @1 kHz, Nominal
5) Velocity of Propagation
84 %
6) Conductor DCR
1.21 /1000ft @20°C, Nominal
7) OA Shield DCR
1.1 /1000ft @20\°C, Nominal
8) Attenuation, Nom dB/100ft
0.2 @ 1 MHz
0.4 @ 10 MHz
0.9 @ 50 MHz
1.3 @ 100 MHz
1.9 @ 200 MHz
2.9 @ 400 MHz
4.1 @ 700 MHz
4.8 @ 900 MHz
5.2 @ 1 GHz
Other
1) Packaging
a) 1000 FT
b) 500 FT
c) 100 FT
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
RoHS CERTIFICATE OF COMPLIANCE


Similar Part No. - M4208

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M4200-185X70T0800 KEMET-M4200-185X70T0800 Datasheet
54Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
M4200-240X240 KEMET-M4200-240X240 Datasheet
53Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
M4200-240X240T0800 KEMET-M4200-240X240T0800 Datasheet
54Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
M4200-240X30M KEMET-M4200-240X30M Datasheet
53Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
M4200-240X30MT0800 KEMET-M4200-240X30MT0800 Datasheet
54Kb / 1P
   KEMET, M4, Flex Suppressors, RFID
More results

Similar Description - M4208

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com