Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF10111 Datasheet(PDF) 4 Page - Ericsson

Part # PTF10111
Description  6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10111 Datasheet(HTML) 4 Page - Ericsson

  PTF10111 Datasheet HTML 1Page - Ericsson PTF10111 Datasheet HTML 2Page - Ericsson PTF10111 Datasheet HTML 3Page - Ericsson PTF10111 Datasheet HTML 4Page - Ericsson PTF10111 Datasheet HTML 5Page - Ericsson PTF10111 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PTF 10111
4
e
Typical Scattering Parameters
(VDS = 28 V, ID = 300 mA)
f
S11
S21
S12
S22
(MHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
100
0.867
-65
21.8
131
0.010
42
0.801
-41
200
0.832
-77
19.2
123
0.011
34
0.765
-50
300
0.843
-106
14.4
97
0.013
18
0.740
-72
400
0.844
-123
11.0
81
0.014
4
0.744
-88
500
0.852
-133
8.71
69
0.013
-7
0.774
-98
600
0.862
-140
7.08
59
0.011
-15
0.815
-107
700
0.868
-146
5.79
50
0.009
-19
0.836
-116
800
0.874
-151
4.80
42
0.007
-19
0.851
-123
900
0.882
-155
4.05
35
0.006
-16
0.861
-129
1000
0.886
-158
3.48
29
0.004
-7
0.869
-133
1100
0.893
-161
3.04
24
0.003
20
0.885
-137
1200
0.899
-164
2.69
19
0.003
57
0.897
-141
1300
0.907
-167
2.43
14
0.005
74
0.912
-145
1400
0.905
-170
2.19
9
0.007
80
0.921
-148
1500
0.903
-173
2.00
4
0.008
83
0.928
-151
1600
0.898
-175
1.83
0
0.011
85
0.929
-154
1700
0.896
-177
1.71
-5
0.013
86
0.933
-157
1800
0.892
-179
1.60
-9
0.016
83
0.934
-159
1900
0.889
178
1.52
-13
0.020
78
0.937
-161
2000
0.885
176
1.45
-17
0.023
69
0.940
-163
2100
0.882
173
1.40
-21
0.023
59
0.944
-165
2200
0.880
171
1.37
-25
0.021
60
0.950
-168
Frequency
Z Source
W
Z Load
W
GHz
R
jX
R
jX
1.3
9.0
2.5
11.5
6.0
1.4
6.6
0.6
12.0
6.5
1.5
6.8
-1.0
11.5
7.3
1.5
6.9
-1.6
10.5
8.2
1.5
7.9
-0.6
9.0
5.4
1.6
8.3
0.2
9.1
4.9
1.7
8.2
0.5
10.0
4.0
Z Source
Z Load
G
S
D
Impedance Data
(VDD = 28 V, IDQ = 75 mA, POUT = 6 W)
Z0 = 50
W


Similar Part No. - PTF10111

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10112 ERICSSON-PTF10112 Datasheet
324Kb / 6P
   60 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
   12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
More results

Similar Description - PTF10111

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
   6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
   12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
   35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10031 ERICSSON-PTF10031 Datasheet
215Kb / 6P
   50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10009 ERICSSON-PTF10009 Datasheet
228Kb / 6P
   85 Watts, 1.0 GHz GOLDMOS??Field Effect Transistor
PTF10052 ERICSSON-PTF10052 Datasheet
498Kb / 6P
   35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10135 ERICSSON-PTF10135 Datasheet
245Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10137 ERICSSON-PTF10137 Datasheet
175Kb / 6P
   12 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10125 ERICSSON-PTF10125 Datasheet
291Kb / 6P
   135 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com