Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI1812D121R-00 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LI1812D121R-00
Description  Low Current Ferrie Chip Beads
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LI1812D121R-00 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LI1812D121R-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LI1812D121R-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LI1812D121R-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers LI1812D121R-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LI1812D121R-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LI1812D121R-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LI1812D121R-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LI1812D121R-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STEWARD - U.S.A. • Telephone: 423/867-4100 • Fax 423/867-4102 • Internet: http://www.steward.com
SCOTLAND • Telephone: 44-(0)1-506-414200 • Fax 44-(0)1-506-410694
SINGAPORE • Telephone: (65)337-9667 • Fax (65)337-9686
1000
200
LI0402D121R-00
Z vs. Frequency
Impedance Under DC Bias
110
Frequency (MHz)
100
50
0
150
100
1000
600
LI0402B301R-00
Z vs. Frequency
Impedance Under DC Bias
110
Frequency (MHz)
100
100
200
0
500
400
300
120
LI0603G800R-00
Z vs. Frequency
Impedance Under DC Bias
110
Frequency (MHz)
100
40
0
1000
80
160
120
LI0603G800R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
Frequency (MHz)
Z
R
40
0
X
L
80
1
10
1000
100
160
200
100
LI0603G121R-00
Z vs. Frequency
Impedance Under DC Bias
1
10
Frequency (MHz)
100
50
0
1000
150
200
LI0603G121R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
Frequency (MHz)
Z
R
100
50
0
X
L
150
1
10
1000
100
600
LI0402B301R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
Frequency (MHz)
X
L
Z
R
100
200
0
500
400
300
1
10
1000
100
200
LI0402D121R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
Frequency (MHz)
X
L
Z
R
50
100
0
150
1
10
1000
100
44


Similar Part No. - LI1812D121R-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LI1812D121R-10 ETC2-LI1812D121R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
LI1812D121R-10 LSTD-LI1812D121R-10 Datasheet
150Kb / 1P
   this print is the property of laird tech
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com