Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI1806E800R-00 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LI1806E800R-00
Description  Low Current Ferrie Chip Beads
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LI1806E800R-00 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LI1806E800R-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LI1806E800R-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LI1806E800R-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers LI1806E800R-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LI1806E800R-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LI1806E800R-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LI1806E800R-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LI1806E800R-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STEWARD - U.S.A. • Telephone: 423/867-4100 • Fax 423/867-4102 • Internet: http://www.steward.com
SCOTLAND • Telephone: 44-(0)1-506-414200 • Fax 44-(0)1-506-410694
SINGAPORE • Telephone: (65)337-9667 • Fax (65)337-9686
200
50
LI1206H900R-00
Z vs. Frequency
Impedance Under DC Bias
10
Frequency (MHz)
100
0
1000
100
150
1
200
LI1206H900R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
Frequency (MHz)
Z
R
0
X
L
1
10
1000
100
100
150
50
160
40
LI1206H121R-00
Z vs. Frequency
Impedance Under DC Bias
10
Frequency (MHz)
100
0
1000
80
120
1
250
50
LI1206H151R-00
Z vs. Frequency
Impedance Under DC Bias
10
Frequency (MHz)
100
0
1000
100
150
1
200
400
LI1206G301R-00
Z vs. Frequency
Impedance Under DC Bias
110
Frequency (MHz)
100
0
1000
100
200
300
400
LI1206G301R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
Frequency (MHz)
Z
R
200
0
X
L
110
1000
100
100
300
160
LI1206H121R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
Frequency (MHz)
Z
R
0
X
L
1
1000
100
80
120
40
10
LI1206H151R-00
Z, R, X
L vs. Frequency
Impedance, Resistance, Inductive Reactance
250
Frequency (MHz)
Z
R
200
0
X
L
1
10
1000
100
100
150
50
47


Similar Part No. - LI1806E800R-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LI1806E800R-10 ETC2-LI1806E800R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
LI1806E800R-10 LSTD-LI1806E800R-10 Datasheet
153Kb / 1P
   this print is the property of laird tech
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com