Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2S-xx24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R2S-xx24
Description  Fully RoHS 6/6 Conform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R2S-xx24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R2S-xx24 Datasheet HTML 1Page - List of Unclassifed Manufacturers R2S-xx24 Datasheet HTML 2Page - List of Unclassifed Manufacturers R2S-xx24 Datasheet HTML 3Page - List of Unclassifed Manufacturers R2S-xx24 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R2S-R2D
www.recom-international.com
E-85
REV: 1/2014
Refer to Application Notes
ECONOLINE
DC/DC-Converter
with 3 year Warranty
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
Load(1)
R2S**-xx3.3
(H)
5, 12, 15, 24
3.3
606
70-75
3300µF
R2S**-xx05
(H)
5, 12, 15, 24
5
400
76-84
1200µF
R2S**-xx09
(H)
5, 12, 15, 24
9
222
76-84
1200µF
R2S**-xx12
(H)
5, 12, 15, 24
12
167
76-85
680µF
R2S**-xx15
(H)
5, 12, 15, 24
15
133
76-85
680µF
R2S**-xx24
(H)
5, 12, 15, 24
24
83
76-85
220µF
R2D**-xx05
(H)
5, 12, 15, 24
±5
±200
75-80
±470µF
R2D**-xx09
(H)
5, 12, 15, 24
±9
±111
75-80
±470µF
R2D**-xx12
(H)
5, 12, 15, 24
±12
±83
75-83
±330µF
R2D**-xx15
(H)
5, 12, 15, 24
±15
±66
75-85
±330µF
R2D**-xx24
(H)
5, 12, 15, 24
±24
±42
75-85
±330µF
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g. R2S-0505/P, R2D-0505/HP
* add suffix -R for tape&reel packing e.g. R2S-0505-R. For more details see Tapes Section.
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
20kHz min. / 40kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
continued on next page
2 Watt
SMD Single &
Dual Output
Features
Unregulated
Converters
Description
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
The R2S and R2D converters are of the enclosed open frame type, meaning that they are
un-potted. The converters are typically used in general purpose and industrial low power
isolation and voltage matching applications where an SMD converter is required.
The converter series feature an extended ambient temperature operating range of
-40°C to +100°C without derating and optional continuous short circuit protection.
In addition to two isolation options and three different case formats, the converters are also
available prepacked as tape and reel for use with automatic insertion machines.
R2S** : ** without marking denotes 5 pins out of 8 fitted (/H option available)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (/H option available)
R2D** : ** without marking denotes 6 pins out of 10 fitted (/H option available)
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
** with marking 12 denotes with 10 pins out of 12 fitted (/H option available)
Case and Pinning Options (note restrictions on /H option)
E358085
UL-60950-1 Certified
EN-60950-1 Certified
EN-60601-1 Certified*
(*/H suffix)
Fully RoHS 6/6 Conform
Full Power at 100°C Ambient Temperature
1kVDC and 3kVDC Isolation Options
/H Version Certified for Medical Applications
UL/EN/CSA Certified, CB Report
Suitable for Fully Automated Assembly
(including Vapour Phase Soldering)
Optional Continuous Short Circuit Protection
Efficiency to 85%
Built-In EN55022 Class A Filter
RoHS
2011/65/EU
6/6
100
60
20
40
105
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
Derating-Graph
(Ambient Temperature)
***Any data referred to in this datasheet are of indivative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.


Similar Part No. - R2S-xx24

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R2S-xx24 RECOM-R2S-xx24 Datasheet
127Kb / 4P
   2 Watt SMD Single & Dual Output
More results

Similar Description - R2S-xx24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1S-1205 ETC2-R1S-1205 Datasheet
126Kb / 4P
   Fully RoHS 6/6 Conform
logo
Recom International Pow...
R1S-0509-P RECOM-R1S-0509-P Datasheet
126Kb / 4P
   Fully RoHS 6/6 Conform
R0.25D RECOM-R0.25D Datasheet
128Kb / 4P
   Fully RoHS 6/6 Conform
logo
Roithner LaserTechnik G...
RLCU-4XX ROITHNER-RLCU-4XX Datasheet
275Kb / 4P
   devices are rohs conform
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745Z AVAGO-AFCT-5745Z Datasheet
542Kb / 18P
   RoHS-6 Compliant
logo
OSA Opto Light GmbH
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-150MUR OSA-OLS-150MUR Datasheet
447Kb / 7P
   devices are ROHS and REACH conform
OLS-170HSD OSA-OLS-170HSD Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-180Y OSA-OLS-180Y Datasheet
241Kb / 7P
   devices are ROHS and REACH conform
OLS-210MW OSA-OLS-210MW Datasheet
230Kb / 7P
   devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com