Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRW-7815LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PSRW-7815LF
Description  500 mA Switching Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PSRW-7815LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PSRW-7815LF Datasheet HTML 1Page - PEAK electronics GmbH PSRW-7815LF Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSRW-Series – PSRW-78xxLF – Switching Regulator – SIP3 – Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/2
Selection Guide
Order #
Inpu
t Vo
ltag
e R
ang
e (V
DC
)
Inpu
t Cu
rren
t no
Loa
d (m
A)
Inpu
t Cu
rren
t ful
l Lo
ad (
Vin
min
.)
Inpu
t Cu
rren
t ful
l Lo
ad (
Vin
max
.)
Out
put
Vol
tage
(V)
Out
put
Cur
rent
(mA
)
Effic
ienc
y (V
in m
in.)
(%)
Effic
ienc
y (V
in m
ax.)
(%)
PSRW-783R3LF
9-72
3.0
230
32
3.3
500
82
75
PSRW-7805LF
9-72
3.0
327
45
5.0
500
87
80
PSRW-786R5LF
9-72
3.0
406
56
6.5
500
91
83
PSRW-787R2LF
14-72
3.0
289
61
7.2
500
91
84
PSRW-7809LF
14-72
3.0
358
76
9.0
500
92
86
PSRW-7812LF
17-72
3.0
384
97
12
500
94
89
PSRW-7815LF
20-72
3.0
404
119
15
500
95
91
If you need other specifications, please enquire.
Package / Pinning / Derating
PEAK
Modelcode
Datecode
1
2
3
11.68
(0.46)
Bottom View
1
2
3
5.08
(0.20)
2.54
(0.10)
7.50
(0.29)
0.50
(0.02)
Notes : All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5 ±0.05 ( 0.02±0.002 )
2. Pin pitch tolerance: ±0.35 ( ±0.014 )
3. Case Tolerance: ±0.5 ( ±0.02 )
Specification may change without notice. Pin length is typical.
85
100%
75%
50%
25%
-40 -20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
TEMPERATURE DERATING GRAPH
PSRW-78xxLF
1. If Vin>50V, in order to protect the
converter during power-up, an external
capacitor C1=3.3uF/100V is required.
2. C2=100uF(Optional)
#
Switching Reg.
1
+Vin
2
GND
3
+Vout
PIN CONNECTIONS


Similar Part No. - PSRW-7815LF

ManufacturerPart #DatasheetDescription
logo
Rohm
PSR ROHM-PSR Datasheet
1Mb / 9P
   Ultra low ohmic metal plate
PSR ROHM-PSR Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
logo
Mallory Sonalert Produc...
PSR-13N08A-SYQ MSPI-PSR-13N08A-SYQ Datasheet
120Kb / 1P
   Sales Outline Drawing
PSR-18N08A-JQ MSPI-PSR-18N08A-JQ Datasheet
114Kb / 1P
   Sales Outline Drawing
PSR-20F08S-YHQ MSPI-PSR-20F08S-YHQ Datasheet
123Kb / 1P
   Sales Outline Drawing
More results

Similar Description - PSRW-7815LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PSRS-783R3LF PEAK-PSRS-783R3LF Datasheet
161Kb / 4P
   500 mA Switching Regulator
logo
ON Semiconductor
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com