Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF10043 Datasheet(PDF) 1 Page - Ericsson

Part # PTF10043
Description  12 Watts, 1.9-2.0 GHz GOLDMOS Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10043 Datasheet(HTML) 1 Page - Ericsson

  PTF10043 Datasheet HTML 1Page - Ericsson PTF10043 Datasheet HTML 2Page - Ericsson PTF10043 Datasheet HTML 3Page - Ericsson PTF10043 Datasheet HTML 4Page - Ericsson PTF10043 Datasheet HTML 5Page - Ericsson PTF10043 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
e
1
RF Specifications (100% Tested)
Characteristic
Symbol
Min
Typ
Max
Units
Gain
(VDD = 26 V, POUT = 3 W, IDQ = 150 mA, f = 1.93, 2.0 GHz)
Gps
11
12
dB
Power Output at 1 dB Compressed
(VDD = 26 V, POUT = 12 W, IDQ = 150 mA, f = 2.0 GHz)
p-1dB
12
14
Watts
Drain Efficiency
(VDD = 26 V, POUT = 12 W, IDQ = 150 mA, f = 2.0 GHz)
hD
40
45
%
Load Mismatch Tolerance
(VDD = 26 V, POUT = 12 W, IDQ = 150 mA, f = 2.0 GHz
Y
10:1
—all phase angles at frequency of test)
All published data at TCASE = 25°C unless otherwise indicated.
• INTERNALLY MATCHED
• Performance at 2.0 GHz, 26 Volts
- Output Power = 12 Watts Min
- Power Gain = 12 dB Typ at 3 Watts
- Efficiency = 45% Typ
• Full Gold Metallization
• Silicon Nitride Passivated
• Back Side Common Source
• Excellent Thermal Stability
100% Lot Traceability
PTF 10043
12 Watts, 1.9–2.0 GHz
GOLDMOS ® Field Effect Transistor
10043
A-1234569834
0
4
8
12
16
20
0.0
0.2
0.4
0.6
0.8
1.0
Input Power (Watts)
VDD = 26 V
IDQ = 150 mA
f = 2.0 GHz
Typical Output Power vs. Input Power
Package 20222
Description
The PTF 10043 is an internally matched GOLDMOS FET intended
for large signal amplifier applications from 1.9 to 2.0 GHz. Rated at
12 watts, it operates at 45% efficiency with 12 dB gain. Nitride sur-
face passivation and full gold metallization ensure excellent device
lifetime and reliability.


Similar Part No. - PTF10043

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10045 ERICSSON-PTF10045 Datasheet
207Kb / 6P
   30 Watts, 1.60-1.65 GHz GOLDMOS Field Effect Transistor
PTF10048 ERICSSON-PTF10048 Datasheet
233Kb / 6P
   30 Watts, 2.1-2.2 GHz, W-CDMA GOLDMOS Field Effect Transistor
More results

Similar Description - PTF10043

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
   12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10135 ERICSSON-PTF10135 Datasheet
245Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10137 ERICSSON-PTF10137 Datasheet
175Kb / 6P
   12 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10112 ERICSSON-PTF10112 Datasheet
324Kb / 6P
   60 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10153 ERICSSON-PTF10153 Datasheet
108Kb / 5P
   60 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10120 ERICSSON-PTF10120 Datasheet
420Kb / 6P
   120 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
   12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
   6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
   35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com