Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT24C08A-UPR-T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FT24C08A-UPR-T
Description  Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C08A-UPR-T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FT24C08A-UPR-T Datasheet HTML 1Page - List of Unclassifed Manufacturers FT24C08A-UPR-T Datasheet HTML 2Page - List of Unclassifed Manufacturers FT24C08A-UPR-T Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C08A-UPR-T Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C08A-UPR-T Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C08A-UPR-T Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C08A-UPR-T Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C08A-UPR-T Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C08A-UPR-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
24C04A, 24C08A, 24C16A
© 2009 Fremont Micro Devices Inc.
DS3001M-page3
PIN DESCRIPTIONS
(A) SERIAL CLOCK (SCL)
The rising edge of this SCL input is to latch data into the EEPROM device while the falling edge of this clock is to
clock data out of the EEPROM device.
(B) DEVICE / CHIP SELECT ADDRESSES (A2, A1, A0)
These are the chip select input signals for the serial EEPROM devices. Typically, these signals are hardwired to
either VIH or VIL. If left unconnected, they are internally recognized as VIL. FT24C04A has A0 pin as no-connect.
FT24C08A has both A0 and A1 pins as no-connect. For FT24C16A, all device address pins (A0-A2) are no-
connect.
(C) SERIAL DATA LINE (SDA)
SDA data line is a bi-directional signal for the serial devices. It is an open drain output signal and can be wired-
OR with other open-drain output devices.
(D) WRITE PROTECT (WP)
The FT24C04A/08A/16A devices have a WP pin to protect the whole EEPROM array from programming.
Programming operations are allowed if WP pin is left un-connected or input to VIL. Conversely all programming
functions are disabled if WP pin is connected to VIH or VCC. Read operations is not affected by the WP pin’s input
level.
Table A
Device
Chip Select/Device
Address Pins Used
No-Connect Pins
Max number of similar
devices on the same bus
FT24C04A
A2, A1
A0
4
FT24C08A
A2,
A1, A0
2
FT24C16A
(None)
A2, A1, A0
1
MEMORY ORGANIZATION
The FT24C04A/08A/16A devices have 32/64/128 pages respectively. Since each page has 16 bytes, random word
addressing to FT24C04A/08A/16A will require 9/10/11 bits data word addresses respectively.
DEVICE OPERATION
(A) SERIAL CLOCK AND DATA TRANSITIONS
The SDA pin is typically pulled to high by an external resistor. Data is allowed to change only when Serial clock
SCL is at VIL. Any SDA signal transition may interpret as either a START or STOP condition as described below.
(B) START CONDITION
With SCL
 VIH, a SDA transition from high to low is interpreted as a START condition. All valid commands
must begin with a START condition.


Similar Part No. - FT24C08A-UPR-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C08A-UPR-T ETC2-FT24C08A-UPR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C08A-UPR-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-USR-T ETC2-FT24C04A-USR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com