Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF10007 Datasheet(PDF) 4 Page - Ericsson

Part # PTF10007
Description  35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10007 Datasheet(HTML) 4 Page - Ericsson

  PTF10007 Datasheet HTML 1Page - Ericsson PTF10007 Datasheet HTML 2Page - Ericsson PTF10007 Datasheet HTML 3Page - Ericsson PTF10007 Datasheet HTML 4Page - Ericsson PTF10007 Datasheet HTML 5Page - Ericsson PTF10007 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PTF 10007
e
Typical Scattering Parameters
(VDS = 28 V, ID = 2.0 A)
f
S11
S21
S12
S22
(MHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
400
0.948
-167
3.668
33
0.006
-37
0.858
-149
420
0.951
-168
3.403
32
0.005
-37
0.866
-150
440
0.955
-168
3.161
30
0.005
-37
0.877
-151
460
0.956
-168
2.943
29
0.005
-36
0.886
-152
480
0.957
-168
2.745
28
0.004
-38
0.892
-152
500
0.959
-168
2.575
27
0.004
-35
0.898
-153
520
0.960
-169
2.421
26
0.004
-34
0.903
-153
540
0.962
-169
2.282
25
0.004
-30
0.907
-154
560
0.963
-169
2.151
24
0.003
-29
0.911
-155
580
0.964
-169
2.024
22
0.003
-28
0.913
-155
600
0.964
-169
1.907
22
0.003
-23
0.919
-156
620
0.965
-169
1.806
21
0.002
-20
0.925
-156
640
0.967
-169
1.72
21
0.002
-13
0.929
-156
660
0.966
-170
1.636
20
0.002
-6
0.929
-157
680
0.967
-170
1.558
19
0.002
3
0.929
-157
700
0.967
-170
1.483
18
0.002
8
0.928
-157
720
0.968
-170
1.413
18
0.002
21
0.930
-158
740
0.968
-170
1.345
17
0.002
25
0.932
-158
760
0.967
-170
1.281
17
0.002
33
0.935
-159
780
0.966
-170
1.228
17
0.002
44
0.937
-159
800
0.967
-170
1.179
16
0.002
51
0.938
-159
820
0.968
-170
1.134
16
0.002
55
0.939
-159
840
0.967
-170
1.088
15
0.002
59
0.938
-160
860
0.967
-170
1.039
15
0.003
67
0.938
-160
880
0.967
-170
0.993
14
0.003
68
0.938
-160
900
0.966
-170
0.957
14
0.003
73
0.941
-161
920
0.966
-171
0.922
14
0.003
75
0.943
-161
940
0.966
-171
0.890
14
0.003
79
0.941
-161
960
0.966
-171
0.859
13
0.004
81
0.942
-161
980
0.966
-171
0.827
13
0.004
83
0.943
-161
1000
0.965
-171
0.794
12
0.004
86
0.942
-162
Impedance Data (shown for fixed-tuned broadband circuit)
VDD = 28 V, POUT = 35 W, IDQ = 300 mA
Z Source
Z Load
G
S
D
Z0 = 50
W
Frequency
Z Source
W
Z Load
W
MHz
R
jX
R
jX
850
1.48
-2.80
2.60
1.55
900
1.45
-1.65
2.60
2.30
950
1.35
-0.30
2.68
3.40
1000
1.10
0.88
2.70
4.15


Similar Part No. - PTF10007

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10009 ERICSSON-PTF10009 Datasheet
228Kb / 6P
   85 Watts, 1.0 GHz GOLDMOS??Field Effect Transistor
More results

Similar Description - PTF10007

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10052 ERICSSON-PTF10052 Datasheet
498Kb / 6P
   35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
   6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10031 ERICSSON-PTF10031 Datasheet
215Kb / 6P
   50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10009 ERICSSON-PTF10009 Datasheet
228Kb / 6P
   85 Watts, 1.0 GHz GOLDMOS??Field Effect Transistor
PTF10137 ERICSSON-PTF10137 Datasheet
175Kb / 6P
   12 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
   12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
   6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10135 ERICSSON-PTF10135 Datasheet
245Kb / 6P
   5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10125 ERICSSON-PTF10125 Datasheet
291Kb / 6P
   135 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com