Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEE2V150 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUEE2V150
Description  Aluminum Electrolytic Capacitors/ EE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEE2V150 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUEE2V150 Datasheet HTML 1Page - Panasonic Semiconductor EEUEE2V150 Datasheet HTML 2Page - Panasonic Semiconductor EEUEE2V150 Datasheet HTML 3Page - Panasonic Semiconductor EEUEE2V150 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EE
– EEE-91 –
Case size/Ripple current
Cap.
(μF)
160 V
200 V
Case size
(
0D×L)
Ripple current
(mA r.m.s.) 105 °C
Case size
(
0D×L)
Ripple current
(mA r.m.s.) 105 °C
120 Hz
100 kHz
120 Hz
100 kHz
22
10
× 20
245
700
10
× 20
300
850
33
10
× 20
280
810
10
× 20
320
920
47
10
× 20
370
1065
12.5
× 20
385
1100
68
12.5
× 20
470
1350
12.5
× 25
16
× 20S
465
465
1330
1330
82
12.5
× 25
520
1480
16
× 20S
510
1460
100
12.5
× 25
16
× 20S
660
680
1660
1700
16
× 25
18
× 20S
690
670
1730
1665
150
16
× 25
18
× 20S
755
730
1890
1820
16
× 25
740
1860
220
16
× 31.5
18
× 25S
910
780
2280
1950
18
× 31.5
1175
2600
330
18
× 31.5
1040
2600
18
× 40
1250
3120
Cap.
(μF)
250 V
350 V
Case size
(
0D×L)
Ripple current
(mA r.m.s.) 105 °C
Case size
(0D×L)
Ripple current
(mA r.m.s.) 105 °C
120 Hz
100 kHz
120 Hz
100 kHz
15
10
× 20
170
480
22
10
× 20
275
785
12.5
× 20
230
660
33
12.5
× 20
350
995
12.5
× 25
16
× 20S
275
315
790
900
47
12.5
× 25
16
× 20S
450
490
1290
1400
16
× 25
18
× 20S
375
375
1070
1070
68
16
× 20S
490
1400
16
× 31.5
18
× 25S
535
465
1530
1330
82
16
× 25
18
× 20S
590
590
1680
1680
18
× 25S
535
1530
100
16
× 31.5
18
× 25S
840
840
2100
2100
18
× 31.5
640
1600
150
18
× 31.5
1010
2520
220
18
× 40
1175
2940
Cap.
(μF)
400 V
450 V
Case size
(
0D×L)
Ripple current
(mA r.m.s.) 105 °C
Case size
(
0D×L)
Ripple current
(mA r.m.s.) 105 °C
120 Hz
100 kHz
120 Hz
100 kHz
10
10
× 20
150
430
10
× 20U
12.5
× 20
115
170
330
490
15
12.5
× 20
205
590
12.5
× 25
270
780
22
12.5
× 25
16
× 20S
265
300
760
860
16
× 20S
330
945
33
16
× 20S
355
1020
16
× 25
18
× 20S
350
350
1000
1000
47
16
× 25
18
× 20S
410
410
1180
1180
16
× 31.5
18
× 25S
420
420
1200
1200
56
18
× 31.5
480
1380
68
18
× 25
515
1470
18
× 40
630
1800
82
18
× 31.5
575
1645
100
18
× 40
825
2060
02 May. 2014


Similar Part No. - EEUEE2V150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEE2V150 PANASONIC-EEUEE2V150 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2V150 PANASONIC-EEUEE2V150 Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEUEE2V150 PANASONIC-EEUEE2V150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2V150 PANASONIC-EEUEE2V150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2V150 PANASONIC-EEUEE2V150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
More results

Similar Description - EEUEE2V150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EE2W220S PANASONIC-EEU-EE2W220S Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEU-EE2W100U PANASONIC-EEU-EE2W100U Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2G470S PANASONIC-EEU-EE2G470S Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W560 PANASONIC-EEU-EE2W560 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W150 PANASONIC-EEU-EE2W150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D470 PANASONIC-EEU-EE2D470 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W470S PANASONIC-EEU-EE2W470S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEU-EE2E101S PANASONICBATTERY-EEU-EE2E101S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com