Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFM1A332 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFM1A332
Description  Aluminum Electrolytic Capacitors/ FM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFM1A332 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFM1A332 Datasheet HTML 1Page - Panasonic Semiconductor EEUFM1A332 Datasheet HTML 2Page - Panasonic Semiconductor EEUFM1A332 Datasheet HTML 3Page - Panasonic Semiconductor EEUFM1A332 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FM
– EEE-80 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Long
Lead
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(
Ω) (hours) (mm) (mm) (mm) (mm)
(pcs)
(pcs)
6.3
150
5
11
280
0.300 2000
0.5
2.0
5.0
2.5
EEUFM0J151( )
200
2000
330
6.3
11.2
455
0.130
2000
0.5
2.5
5.0
2.5
EEUFM0J331( )
200
2000
560
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM0J561( )
200
1000
820
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM0J821L( )
200
1000
1000
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM0J102( )
200
500
1200
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM0J122L( )
200
1000
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM0J122( )
200
500
1500
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM0J152( )
200
500
2200
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM0J222L( )
200
500
3300
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM0J332( )
200
500
3900
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM0J392( )
200
500
4700
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM0J472L
100
5600
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM0J562L
100
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM0J562S( )
100
250
6800
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM0J682( )
100
250
10
100
5
11
280
0.300 2000
0.5
2.0
5.0
2.5
EEUFM1A101( )
200
2000
220
6.3
11.2
455
0.130
2000
0.5
2.5
5.0
2.5
EEUFM1A221( )
200
2000
470
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM1A471( )
200
1000
680
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM1A681L( )
200
1000
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM1A681( )
200
500
1000
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM1A102L( )
200
1000
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM1A102( )
200
500
1200
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM1A122( )
200
500
1500
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM1A152L( )
200
500
2200
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM1A222( )
200
500
3300
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM1A332( )
200
500
3900
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM1A392L
100
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM1A392S( )
100
250
4700
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM1A472L
100
5600
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM1A562( )
100
250
16
68
5
11
280
0.300 2000
0.5
2.0
5.0
2.5
EEUFM1C680( )
200
2000
120
6.3
11.2
455
0.130
2000
0.5
2.5
5.0
2.5
EEUFM1C121( )
200
2000
330
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM1C331( )
200
1000
470
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM1C471L( )
200
1000
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM1C471( )
200
500
680
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM1C681L( )
200
1000
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM1C681( )
200
500
1000
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM1C102( )
200
500
1200
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM1C122L( )
200
500
1500
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM1C152( )
200
500
2200
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM1C222( )
200
500
2700
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM1C272L
100
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM1C272S( )
100
250
3300
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM1C332L
100
3900
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM1C392( )
100
250
· When requesting taped product, please put the letter "B" of "H" between the "( )". Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
01 May. 2014


Similar Part No. - EEUFM1A332

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM1A332 PANASONIC-EEUFM1A332 Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEUFM1A332 PANASONIC-EEUFM1A332 Datasheet
79Kb / 4P
   Aluminum Electrolytic Capacitors
EEUFM1A332 PANASONIC-EEUFM1A332 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEUFM1A332 PANASONIC-EEUFM1A332 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1A332 PANASONIC-EEUFM1A332 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM1A332

ManufacturerPart #DatasheetDescription
logo
Pacific Silicon Sensor,...
EEU-FM1E222L PACIFIC-EEU-FM1E222L Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM
logo
Panasonic Semiconductor
EEU-FM1E331 PANASONIC-EEU-FM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1A471 PANASONIC-EEU-FM1A471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E101 PANASONIC-EEU-FM1E101 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1C152 PANASONIC-EEU-FM1C152 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1V151B PANASONIC-EEU-FM1V151B Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1E471 PANASONIC-EEU-FM1E471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E221BJ PANASONIC-EEU-FM1E221BJ Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V471 PANASONIC-EEU-FM1V471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V331L PANASONIC-EEU-FM1V331L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com