Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAA15W-V Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAA15W-V
Description  15 Watt Universal 2-Wire Input Desktop Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA15W-V Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAA15W-V Datasheet HTML 1Page - Phihong USA Inc. PSAA15W-V Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSAA15W-V Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 264V AC
AC Input Frequency
47 to 63Hz
Input Current
0.5A (RMS) maximum at 120V AC
0.25A (RMS) maximum at 240V AC
Leakage Current
0.25mA maximum
Inrush Current
30A for 120V AC at maximum load
60A for 240V AC at maximum load
(Cold start at ambient 25°C)
Input Power Saving
<0.3W maximum at no load
Output:
Efficiency
Meets requirements for Level V marking
Hold-up Time
10mS minimum at 120V AC and maximum load
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +75°C
Humidity
20 to 90%
Emissions
FCC Class B
EN55022 Class B
Immunity
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-5
IEC61000-4-6
IEC61000-4-8
IEC61000-4-11
EN61000-3-2
Over Voltage Protection
By Zener clamping, adapter will be shut down
Over Current Protection
Output equipped with short circuit protection with
auto restart
Short Circuit Protection
Output can be shorted without damage
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000VAC for 1 minute,
10mA
DC Output Connector (Tuning Fork Type)
2.1 x 5.5 x 9.5mm Center Positive Standard
AC Input Connector
IEC320 C8
Dimension Diagram Unit: mm


Similar Part No. - PSAA15W-V

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA15W-050 PHIHONG-PSAA15W-050 Datasheet
126Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-050L6 PHIHONG-PSAA15W-050L6 Datasheet
167Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter PSAA15W Single Output Series Meets Level VI Requirements
PSAA15W-050L6 PHIHONG-PSAA15W-050L6 Datasheet
174Kb / 3P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-050L6 PHIHONG-PSAA15W-050L6_17 Datasheet
174Kb / 3P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-120 PHIHONG-PSAA15W-120 Datasheet
126Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
More results

Similar Description - PSAA15W-V

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA15W-050L6 PHIHONG-PSAA15W-050L6_17 Datasheet
174Kb / 3P
   15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-050 PHIHONG-PSAA15W-050 Datasheet
126Kb / 2P
   15 Watt Universal 2-Wire Input Desktop Adapter
logo
Volgen Kaga Electronics...
KTPS90-2437 VOLGEN-KTPS90-2437 Datasheet
430Kb / 2P
   90 Watt Universal Input, Desktop Adapter
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
   65 Watt Universal Input, Desktop Adapter
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
   50 Watt Universal Input, Desktop Adapter
KTPS65-2427DT-3P VOLGEN-KTPS65-2427DT-3P Datasheet
113Kb / 2P
   65 Watt Universal Input, Desktop Adapter
KTPS65-1250DT-3P VOLGEN-KTPS65-1250DT-3P Datasheet
113Kb / 2P
   65 Watt Universal Input, Desktop Adapter
KTPS200-12160 VOLGEN-KTPS200-12160 Datasheet
237Kb / 3P
   200 Watt Universal Input, Desktop Adapter
logo
Phihong USA Inc.
PSAC45W PHIHONG-PSAC45W Datasheet
177Kb / 2P
   45 Watt Universal 2-Wire Input Adapter
PSM36W-120TW2 PHIHONG-PSM36W-120TW2 Datasheet
123Kb / 2P
   36 Watt Universal 2-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com