Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECHU1H822 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECHU1H822
Description  Stacked Metallized PPS Film Chip Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1H822 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECHU1H822 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1H822 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1H822 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1H822 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1H822 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1H822 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1H822 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1H822 Datasheet HTML 9Page - Panasonic Semiconductor ECHU1H822 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0
10
20
30
40
50
60
-60 -40 -20
0
20 40 60 80 100 120 140
From 100pF to 0.1uF
From 0.12uF to 0.22uF
(Stacked Metallized Film)
Applicable Specifications
ECHU (X) Type
DC50V series
*Please consult Panasonic if your condition exceeds the above
*The current(0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
Voltage Derating by Temperature
Surface Temperature of Capacitor(DegreeC)
Rating
Voltage
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current
(Ao-p)
0.047
473
72
3.38
0.056
563
68
3.81
0.068
683
62
4.22
0.082
823
56
4.59
0.10
104
52
5.20
0.12
124
48
5.76
0.15
154
44
6.60
0.18
184
40
7.20
0.22
224
36
7.92
DC
50V
Pulse Handling Capability (dv/dt)
(Max 10000cycles)


Similar Part No. - ECHU1H822

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1H822 PANASONIC-ECHU1H822 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H822 PANASONIC-ECHU1H822 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H822 PANASONIC-ECHU1H822 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H822 PANASONIC-ECHU1H822 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H822 PANASONIC-ECHU1H822 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1H822

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com