Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTACW-MX Datasheet(PDF) 5 Page - PETERMANN-TECHNIK

Part # ZTACW-MX
Description  SMD CERAMIC RESONATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

ZTACW-MX Datasheet(HTML) 5 Page - PETERMANN-TECHNIK

  ZTACW-MX Datasheet HTML 1Page - PETERMANN-TECHNIK ZTACW-MX Datasheet HTML 2Page - PETERMANN-TECHNIK ZTACW-MX Datasheet HTML 3Page - PETERMANN-TECHNIK ZTACW-MX Datasheet HTML 4Page - PETERMANN-TECHNIK ZTACW-MX Datasheet HTML 5Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13
D-86899 Landsberg am Lech
Fon: +49/8191/305395
Fax: +49/8191/305397
www.petermann-technik.com
info@petermann-technik.com
Premium Quality by
PETERMANN-TECHNIK
CRYSTALS
OSCILLATORS
CERAMIC RESONATORS
CERAMIC FILTERS
SAW COMPONENTS
Spec.01 • REV.00 • August 2013
ORDERING INFORMATION
Example: ZTACC-8.000MG 4
PLEASE INDICATE YOUR REQUIRED SERIES
DELIVERY FORM
OPTIONS:
ZTA/ZTTCC
=4.000 pcs per reel
ZTA/ZTTCR
=3.000 pcs per reel
ZTA/ZTTCE
=3.000 pcs per reel
ZTA/ZTTCS
=1.000 pcs per reel
ZTA/ZTTCV
=1.000 pcs per reel
ZTA/ZTTCW
=3.000 pcs per reel
ZTA/ZTTCP
=4.000 pcs per reel
ZTA/ZTTCZ
=3.000 pcs per reel
ZTACC
Series
Frequency
8.000
MG
Model Code
4
Delivery
Form
ISO 9001:2008


Similar Part No. - ZTACW-MX

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTACW AURIS-ZTACW Datasheet
128Kb / 1P
   Resonator SMD, 2 Pin
logo
Token Electronics Indus...
ZTACWMX TOKEN-ZTACWMX Datasheet
427Kb / 4P
   Redial Taping Dimensions
logo
AiT Semiconductor Inc.
ZTACWMX AITSEMI-ZTACWMX Datasheet
178Kb / 1P
   CERAMIC RESONATOR ZTA/ZTACx
More results

Similar Description - ZTACW-MX

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCE11.06MG LUGUANG-ZTTCE11.06MG Datasheet
1Mb / 9P
   SMD Ceramic Resonators
ZTTCE14.56MG LUGUANG-ZTTCE14.56MG Datasheet
478Kb / 9P
   SMD Ceramic Resonators
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
   SMD Resonators
27/03/2008
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
   SMD Resonators
01/108/07
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
Advanced Crystal Techno...
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
   SMD Resonators
10/10/05
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
   SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
   SMD Resonators
28/09/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com