Electronic Components Datasheet Search |
|
ECQE2393 Datasheet(PDF) 6 Page - Panasonic Semiconductor |
|
ECQE2393 Datasheet(HTML) 6 Page - Panasonic Semiconductor |
6 / 19 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC37− Plastic Film Capacitors ■Rating, Dimensions & Quantity/Ammo Box ●Rated voltage : 1000 VDC, Note) 125 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K) Note) This type has two rated voltage, one is DC rated voltage another is AC rated voltage.. DC rated voltage is 1000 V, AC rated voltage is 125 V. Making for rated voltage is 「1000 V, 125 V 」 When capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 Hz or 60 Hz sine wave) to a capacitor, please refer to the page of ''Permissible voltage (R.M.S) in altering current corresponding to DC rated voltage''. When capacitors use in primary side of power source, the rated voltage is shown 125 VAC. Voltage to be applied to capacitors in only sine wave (50 Hz or 60 Hz). AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''. And not complying with clause 2 of ''Electrical Appliance and Material Safety Law'', in this case please use ECQUL type or ECQUG type Part No. 0.010 15.5 6.0 11.0 16.0 12.5 12.5 1.0 0.60 0.012 15.5 6.0 12.0 17.0 12.5 12.5 1.0 0.60 0.015 15.5 7.0 12.5 17.5 12.5 12.5 1.0 0.60 0.018 15.5 7.5 13.0 20.0 12.5 12.5 1.0 0.80 0.022 15.5 7.5 15.5 22.5 12.5 12.5 1.0 0.80 0.027 21.0 6.0 13.0 18.0 17.5 12.5 1.0 0.80 0.033 21.0 6.5 14.0 19.0 17.5 12.5 1.0 0.80 0.039 21.0 7.0 14.5 19.5 17.5 12.5 1.0 0.80 0.047 21.0 7.5 15.5 20.5 17.5 12.5 1.0 0.80 0.056 21.0 7.5 17.0 22.0 17.5 12.5 1.0 0.80 0.068 21.0 8.5 18.0 23.0 17.5 12.5 1.0 0.80 0.082 21.0 9.0 18.5 23.5 17.5 12.5 1.0 0.80 0.10 21.0 10.0 20.0 25.0 17.5 12.5 1.0 0.80 0.12 26.0 9.0 18.5 23.5 22.5 17.5 1.0 0.80 0.15 26.0 10.0 20.0 25.0 22.5 17.5 1.5 0.80 0.18 26.0 10.5 22.0 27.0 22.5 17.5 1.5 0.80 0.22 26.0 12.0 23.0 28.0 22.5 17.5 1.5 0.80 ECQE10103 □F() ECQE10123 □F() ECQE10153 □F() ECQE10183 □F() ECQE10223 □F() ECQE10273 □F() ECQE10333 □F() ECQE10393 □F() ECQE10473 □F() ECQE10563 □F() ECQE10683 □F() ECQE10823 □F() ECQE10104 □F() ECQE10124 □F() ECQE10154 □F() ECQE10184 □F() ECQE10224 □F() Cap. (µF) Min. order Q'ty 500 400 500 400 300 − Dimensions (mm) L max. T max. ø d 7.5 mm H max. Straight Crimped lead Straight F Crimped lead S Straight G max. 500 Bulk Taping Style D: 0.010 µF to 0.022 µF Style B: 0.027 µF to 0.22 µF Suffix for lead crimped or taped type. Cap. tol. code ▲ ▲ p Œ ¯ ¶ ‚ /P33-52 12.11.14 19:29 y [ W 37 |
Similar Part No. - ECQE2393 |
|
Similar Description - ECQE2393 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |