Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB20190 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20190
Description  175 Watts, 470-806 MHz Digital Television Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20190 Datasheet(HTML) 3 Page - Ericsson

  PTB20190 Datasheet HTML 1Page - Ericsson PTB20190 Datasheet HTML 2Page - Ericsson PTB20190 Datasheet HTML 3Page - Ericsson PTB20190 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PTB 20190
3
e
IMD vs. Frequency
-50
-45
-40
-35
-30
470
525
580
635
690
745
800
Frequency (MHz)
Pout = 125 W(PEP)
VCC = 28 V
Typical Characteristics
Test Circuit
Block Diagram for f = 800 MHz
Q1
PTB 20190
NPN RF Transistor
l1, l2
.0280
λ 800 MHz
Microstrip 18.5
l5, l6
.0522
λ 800 MHz
Microstrip 18.5
l3, l4
.0654
λ 800 MHz
Microstrip 70
l7, l8
.0632
λ 800 MHz
Microstrip 10.2
l9, l10
.0652
λ 800 MHz
Microstrip 8
l11, l12
.0652
λ 800 MHz
Microstrip 9
l13, l14
.0300
λ 800 MHz
Microstrip 11.5
l15, l16
.0250
λ 800 MHz
Microstrip 60
l17, l18
.0454
λ 800 MHz
Microstrip 18.5
T1, T2
UT85-25
Balun
C1, C2
5.1 pF
C3, C12, C8, C20
10 µF, 35 V
SMT Capacitor
C4, C7, C19, C16
0.1 µF
C5, C6, C17, C18, C21, C22
75 pF
C9, C10
0-10 pF
C11
0-20 pF
R1, R2
15
Ω, 1/4 W
FB
4 mm.
SMT Ferrite
L1, L3
12 nh
SMT Inductor
L2, L4
68 nh
SMT Inductor
Circuit Board
.031 G-200, Solid Copper Bottom
5/11/98


Similar Part No. - PTB20190

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20191 ERICSSON-PTB20191 Datasheet
424Kb / 3P
   12 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20193 ERICSSON-PTB20193 Datasheet
519Kb / 3P
   60 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
PTB20195 ERICSSON-PTB20195 Datasheet
47Kb / 3P
   150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20190

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20101 ERICSSON-PTB20101 Datasheet
44Kb / 3P
   175 Watts P-Sync, 470-860 MHz UHF TV Power Transistor
PTB20031 ERICSSON-PTB20031 Datasheet
44Kb / 2P
   40 Watts, 420-470 MHz RF Power Transistor
PTB20030 ERICSSON-PTB20030 Datasheet
44Kb / 3P
   15 Watts, 420-470 MHz RF Power Transistor
PTB20162 ERICSSON-PTB20162 Datasheet
42Kb / 2P
   40 Watts, 470-900 MHz RF Power Transistor
PTB20237 ERICSSON-PTB20237 Datasheet
541Kb / 4P
   150 Watts, 470-860 MHz UHF TV Power Transistor
PTB20081 ERICSSON-PTB20081 Datasheet
385Kb / 3P
   150 Watts, 470-860 MHz UHF TV Power Transistor
PTB20091 ERICSSON-PTB20091 Datasheet
357Kb / 2P
   30 Watts, 470-860 MHz UHF TV Linear Power Transistor
PTB20188 ERICSSON-PTB20188 Datasheet
323Kb / 2P
   4 Watts P-Sync, 470-860 MHz UHF TV Linear Power Transistor
PTB20011 ERICSSON-PTB20011 Datasheet
46Kb / 3P
   20 Watts P-Sync, 470-860 MHz UHF TV Linear Power Transistor
logo
Tyco Electronics
PH1090-175L MACOM-PH1090-175L Datasheet
41Kb / 2P
   Avionics Pulsed Power Transistor - 175 Watts, 1030-1090 MHz, 250ms Pulse,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com