Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ15003 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MJ15003
Description  Complementary Silicon power transistors (20A / 140V / 250W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MJ15003 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MJ15003 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
fT
VCE(sat)*
IEBO
PARAMETER
Emitter cutoff current
Forward current transfer ratio (DC current gain)
Collector to emitter saturation voltage
Base to emitter on voltage
ICEO
Cob
V
Collector cutoff current
SYMBOL
hFE
VBE(on)*
Transition frequency
(current gain - bandwidth product )
V
= 140V, l = 0
CE
B
V
= 5V, l = 0
EBO
C
l = 5A
= 2V
C
CE
, V
l = 0
E
l = 5A, V
= 2V
C
CE
MAX
250
100
2.0
2.0
l = 0.5A, V
= 10V, f
= 0.5MHZ
C
CE
test
V
= 10V, I = 0, f
= 1MHz
E
CB
test
CONDITIONS
pF
V
l = 200mA,
C
l = 0
B
VCEO
*
(SUS)
VCBO
VEBO
Collector to base voltage
Emitter to base voltage
l = 0
C
5
25
MIN
140
140
ICEX
Output capacitance
Collector cutoff current
V
= 140V, V
= 1.5V
CE
BE(off)
V
= 140V, V
= 1.5V, T = 150°C
CE
BE(off)
C
100
2.0
µ
A
Collector to emitter sustaining voltage
150
1.0
l = 5A, l = 0.5A
C
B
MHZ
1000
*Pulsed : Pulse duration = 300 µs, duty cycle 2%.
*For PNP types voltage and current values are negative.
Fig.1 Power derating
400
350
300
250
200
150
100
50
0
0
25
50
75
100
125
150
175
200
T , Case temperature (
°C)
C
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
MJ15004(PNP)
MJ15003(NPN)
mA
µ
A
ls/b*
V
= 50V, t = 1s, non-repetitive
CE
Second breakdown collector current with base
forward baised
5
1
V
= 100V, t = 1s, non-repetitive
CE
A
Page 2 of 4
www.nellsemi.com


Similar Part No. - MJ15003

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
logo
Motorola, Inc
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
logo
Wing Shing Computer Com...
MJ15003 WINGS-MJ15003 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15003 ONSEMI-MJ15003 Datasheet
60Kb / 3P
   Complementary Silicon Power Transistors
September, 2013 ??Rev. 16
logo
Savantic, Inc.
MJ15003 SAVANTIC-MJ15003 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJ15003

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
MJ10024 MOSPEC-MJ10024 Datasheet
205Kb / 4P
   POWER TRANSISTORS(20A,750-850V,250W)
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com