Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ15003 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MJ15003
Description  Complementary Silicon power transistors (20A / 140V / 250W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MJ15003 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MJ15003 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MJ15003 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
applications.
DC current gain-h
= 25 (Min) @ l = 5 Adc
FE
C
High safe operation area (100% tested) 250W @ 50V
DESCRIPTION
SEMICONDUCTOR
RoHS
RoHS
Complementary Silicon power transistors
Nell High Power Products
MJ15004(PNP)
(20A / 140V / 250W)
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
UNIT
PD
Tstg
PARAMETER
ºC
5
20
Collector current - continuous
Base current - continuous
Total power dissipation
Junction temperature
Designed for general-purpose switching and amplifier
140
140
250
5
VALUE
VCBO
Tj
-65 to 200
200
Collector to base voltage (I = 0)
E
Emitter to base voltage
SYMBOL
VCEO
VEBO
IC
IB
T = 25°C
C
Storage temperature
W
Page 1 of 4
www.nellsemi.com
THERMAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
UNIT
PARAMETER
0.7
VALUE
Rth(j-c)
Thermal resistance, junction to case
SYMBOL
ºC/W
MJ15003(NPN)
For low distortion complementary designs
The MJ15003 is a silicon epitaxial-base planar
NPN transistor mounted in JEDEC TO-3 metal
case.
lt is designed for high power audio, disk head
positioners and other linear applications.
The complementary PNP type is MJ15004.
Collector to emitter voltage (I = 0)
B
All dimensions in millimeters
INTERNAL SCHEMATIC DIAGRAM
26.00 Max.
10.90
2- 4.0 Thru.
Φ
13.10 Max.
8.60
1.60
C
B
E
(TAB)
(2)
(1)
C
B
(TAB)
(1)
E
(2)
1
2
TO-3
TAB
*For PNP types voltage and current values are negative.
Derate above 25ºC
W/ºC
1.43
Vdc
Adc
IE
Emitter current - continuous
25
Maximum lead temperature for soldering purposes :
1/16” from case for ≤ 10 seconds
TL
265
ºC
1
2
MJ15004(PNP)
MJ15003(NPN)


Similar Part No. - MJ15003

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
logo
Motorola, Inc
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
logo
Wing Shing Computer Com...
MJ15003 WINGS-MJ15003 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15003 ONSEMI-MJ15003 Datasheet
60Kb / 3P
   Complementary Silicon Power Transistors
September, 2013 ??Rev. 16
logo
Savantic, Inc.
MJ15003 SAVANTIC-MJ15003 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJ15003

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
MJ10024 MOSPEC-MJ10024 Datasheet
205Kb / 4P
   POWER TRANSISTORS(20A,750-850V,250W)
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com