Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD0503-2CC Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # SMD0503-2CC
Description  SMD QUARTZ CRYSTAL SERIES SMD0503/2CC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD0503-2CC Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  SMD0503-2CC_14 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD0503-2CC_14 Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
ORDERING INFORMATION
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13
D-86899 Landsberg am Lech
Fon: +49/8191/305395
Fax: +49/8191/305397
www.petermann-technik.com
info@petermann-technik.com
Series
SMD0503/2CC
Load
Capacitance
20 pF
Frequency
Stability at
25°C
30
Temperature
Stability
50
-40+85°C
Temperature
Range
Frequency
27.000 MHz
Example: SMD0503/2CC 27.000 MHz 30/50/-40+85/20pF
PLEASE INDICATE YOUR REQUIRED PARAMETERS
REFLOW SOLDER PROFILE
Premium Quality by
PETERMANN-TECHNIK
CRYSTALS
OSCILLATORS
CERAMIC RESONATORS
CERAMIC FILTERS
SAW COMPONENTS
Spec.01 • REV.01 • November 2013
ISO 9001:2008


Similar Part No. - SMD0503-2CC_14

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0503-2CC PETERMANN-SMD0503-2CC_15 Datasheet
566Kb / 4P
   Close the price gap between metal and ceramic packaged crystals
More results

Similar Description - SMD0503-2CC_14

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_14 Datasheet
744Kb / 3P
   SMD QUARTZ CRYSTAL SERIES SMD0503/4
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com