Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0452 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HCPL0452
Description  Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0452 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL0452 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0452 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0XXX Rev. 1.0.4
4
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Switching Characteristics TVCC = 5V)
Isolation Characteristics
*All typicals at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max. Unit
TPHL
Propagation
Delay Time to
Logic LOW
TA = 25°C, RL = 4.1kΩ, IF = 16mA
(Note 2) (Fig. 9)
HCPL0500/0530
0.45
1.5
µs
RL = 1.9kΩ, IF = 16mA, TA = 25°C
(Note 3) (Fig. 9)
HCPL0452/3
0.45
0.8
HCPL0501/0531/4
RL = 4.1kΩ, IF = 16mA
(Note 2) (Fig. 9)
HCPL0500/0530
2.0
RL = 1.9kΩ, IF = 16mA
(Note 3) (Fig. 9)
HCPL0452/3
1.0
HCPL0501/0531/4
TPLH
Propagation
Delay Time to
Logic HIGH
TA = 25°C, RL = 4.1kΩ, IF = 16mA
(Note 2) (Fig. 9)
HCPL0500/0530
0.5
1.5
µs
RL = 1.9kΩ, IF = 16mA, TA = 25°C
(Note 3) (Fig. 9)
HCPL0452/3
0.3
0.8
HCPL0501/0531/4
RL = 4.1kΩ, IF = 16mA
(Note 2) (Fig. 9)
HCPL0500/0530
2.0
RL = 1.9kΩ, IF = 16mA
(Note 3) (Fig. 9)
HCPL0452/3
1.0
HCPL0501/0531/4
|CMH|
Common Mode
Transient
Immunity at
Logic HIGH
IF = 0mA, VCM = 10VP-P, RL = 4.1kV,
TA = 25°C (Note 4) (Fig. 10)
HCPL0500
1,000
10,000
V/µs
HCPL0530
IF = 0mA, VCM = 10VP-P, RL = 1.9kΩ
TA = 25°C, (Note 4) (Fig. 10)
HCPL0452
1,000
10,000
HCPL0501/31
HCPL0534
15,000
40,000
IF = 16mA, VCM = 1500VP-P,
RL = 1.9Ω, TA = 25°C
(Note 4) (Fig. 10)
HCPL0453
15,000
40,000
|CML|
Common Mode
Transient
Immunity at
Logic LOW
IF = 16mA, VCM = 10VP-P, RL = 4.1kΩ,
TA = 25°C (Note 4) (Fig. 10)
HCPL0500
1,000
10,000
V/µs
HCPL0530
IF = 16 mA, VCM = 10 VP-P,
RL = 1.9kΩ (Note 4) (Fig. 10)
HCPL0452
1,000
10,000
HCPL0501/31
HCPL0534
15,000
40,000
IF = 16mA, TA = 25°C,
VCM = 1500 VP-P, CL = 15pF)
(Note 4) (Fig. 10)
HCPL0453
15,000
40,000
Symbol
Characteristics
Test Conditions
Min.
Typ.*
Max .
Unit
VISO
Input-Output Isolation Voltage
f = 60 Hz, t = 1.0 min., II-O ≤ 2µA
(Note 5, 6)
2500
VacRMS
RISO
Isolation Resistance
VI-O = 500V (Note 5)
1011
CISO
Isolation Capacitance
VI-O = 0 , f = 1.0MHz (Note 5)
0.2
pF


Similar Part No. - HCPL0452

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
335Kb / 12P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL0452

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0453 FAIRCHILD-HCPL0453_09 Datasheet
335Kb / 12P
   Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501 Dual Channel: HCPL0530 HCPL0531 HCPL0534
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
   Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
   Single Channel Single Phase Energy
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
   SINGLE 16-CHANNEL
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Jingjing Microelectroni...
EG8305 EGMICRO-EG8305 Datasheet
660Kb / 11P
   SIngle-channel D
logo
List of Unclassifed Man...
310B ETC-310B Datasheet
49Kb / 1P
   SINGLE-CHANNEL AUDIO
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
   SINGLE CHANNEL DRIVER
logo
Fairchild Semiconductor
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com