Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ1VC2A150 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECJ1VC2A150
Description  Multilayer Ceramic Capacitors(100V, 200V Series)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ1VC2A150 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECJ1VC2A150 Datasheet HTML 1Page - Panasonic Semiconductor ECJ1VC2A150 Datasheet HTML 2Page - Panasonic Semiconductor ECJ1VC2A150 Datasheet HTML 3Page - Panasonic Semiconductor ECJ1VC2A150 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(100V, 200V Series)
– EC34 –
Rated voltage
DC 100 V
DC 200 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
BX7R
220
±10 % (K)
or
±20 % (M)
ECJ2VB2A221
0.85
ECJ2VB2D221
0.85
330
ECJ2VB2A331
0.85
ECJ2VB2D331
0.85
470
ECJ2VB2A471
0.85
ECJ2VB2D471
0.85
680
ECJ2VB2A681
0.85
ECJ2VB2D681
0.85
1000
ECJ2VB2A102
0.85
ECJ2VB2D102
0.85
1500
ECJ2VB2A152
0.85
ECJ2VB2D152
0.85
2200
ECJ2VB2A222
0.85
ECJ2VB2D222
0.85
3300
ECJ2VB2A332
0.85
ECJ2VB2D332
0.85
4700
ECJ2VB2A472
0.85
ECJ2VB2D472
0.85
6800
ECJ2VB2A682
0.85
ECJ2FB2D682
1.25
10000
ECJ2VB2A103
0.85
ECJ2FB2D103
1.25
15000
ECJ2FB2A153
1.25
● Class 2
◆ Temperature Characteristics Code: B (Temperature Characteristics: B, X7R)
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
Rated voltage
DC 100 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CH
10 ±0.5 pF (D) ECJ1VC2A100D 0.8
15
±5 % (J)
or
±10 % (K)
ECJ1VC2A150
0.8
22
ECJ1VC2A220
0.8
33
ECJ1VC2A330
0.8
47
ECJ1VC2A470
0.8
68
ECJ1VC2A680
0.8
100
ECJ1VC2A101
0.8
Standard Products for EIA Size “0603”, Taped Version
● Class 1
◆ Temp. Char. Code: C (Temp. Char.: CH)
Rated voltage
DC 100 V
DC 200 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
BX7R
220
±10 % (K)
or
±20 % (M)
ECJ1VB2A221
0.8
ECJ1VB2D221
0.8
330
ECJ1VB2A331
0.8
ECJ1VB2D331
0.8
470
ECJ1VB2A471
0.8
ECJ1VB2D471
0.8
680
ECJ1VB2A681
0.8
ECJ1VB2D681
0.8
1000
ECJ1VB2A102
0.8
ECJ1VB2D102
0.8
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
● Class 2
◆ Temp. Char. Code: B (Temp. Char.: B, X7R)
Standard Products for EIA Size “0805”, Taped Version
● Class 1
◆ Temperature Characteristic Code: C (Temperature Characteristics: CH)
Rated voltage
DC 100 V
DC 200 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
CH
CH
10 ±0.5 pF (D) ECJ2VC2A100D 0.85
ECJ2VC2D100D 0.85
15
±5 % (J)
or
±10 % (K)
ECJ2VC2A150
0.85
ECJ2VC2D150
0.85
22
ECJ2VC2A220
0.85
ECJ2VC2D220
0.85
33
ECJ2VC2A330
0.85
ECJ2VC2D330
0.85
47
ECJ2VC2A470
0.85
ECJ2VC2D470
0.85
68
ECJ2VC2A680
0.85
ECJ2FC2D680
1.25
100
ECJ2VC2A101
0.85
ECJ2FC2D101
1.25
150
ECJ2VC2A151
0.85
ECJ2FC2D151
1.25
220
ECJ2VC2A221
0.85
ECJ2FC2D221
1.25
330
ECJ2VC2A331
0.85
ECJ2FC2D331
1.25
470
ECJ2VC2A471
0.85
680
ECJ2VC2A681
0.85
1000
ECJ2VC2A102
0.85
: Capacitance tolerance code : “ ” for “J” or “K”
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel
Soldering method of dimension T>1 mm: Avoid flow soldering.
: Capacitance tolerance code : “ ” for “K” or “M”
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel
Soldering method of dimension T>1 mm: Avoid flow soldering.
Apr. 2008
00


Similar Part No. - ECJ1VC2A150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ1VC2A150 PANASONIC-ECJ1VC2A150 Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors
ECJ1VC2A150J PANASONIC-ECJ1VC2A150J Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ1VC2A150K PANASONIC-ECJ1VC2A150K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ1VC2A150V PANASONIC-ECJ1VC2A150V Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors
More results

Similar Description - ECJ1VC2A150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-2VB2A471K PANASONIC-ECJ-2VB2A471K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ-2VC2A471J PANASONIC-ECJ-2VC2A471J Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors (100V, 200V Series)
ECJ-4YB2A684K PANASONIC-ECJ-4YB2A684K Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
logo
Harris Corporation
RURD410 HARRIS-RURD410 Datasheet
42Kb / 4P
   4A, 100V - 200V Ultrafast Diodes
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
   8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Taiwan Semiconductor Co...
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Lumileds Lighting Compa...
LXV8-PW27-0014 LUMILEDS-LXV8-PW27-0014 Datasheet
1Mb / 23P
   High Voltage (100V and 200V) LED
logo
Taiwan Semiconductor Co...
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com