Electronic Components Datasheet Search |
|
FK20C0G2J562J Datasheet(PDF) 5 Page - TDK Electronics |
|
FK20C0G2J562J Datasheet(HTML) 5 Page - TDK Electronics |
5 / 11 page (4/10) 003-01 / 20130312 / leadmlcc_commercial_midvoltage_en.fm • All specifications are subject to change without notice. FK26 AND FK16 TYPES SHAPES AND DIMENSIONS RATED VOLTAGE Edc: 100 to 630V Temperature characteristics Capacitance Tolerance Rated voltage Edc(V) Part No. FK26 type FK16 type C0G 3900pF ±5% 100 FK26C0G2A392J FK16C0G2A392J C0G 4700pF ±5% 100 FK26C0G2A472J FK16C0G2A472J C0G 5600pF ±5% 100 FK26C0G2A562J FK16C0G2A562J C0G 6800pF ±5% 100 FK26C0G2A682J FK16C0G2A682J C0G 8200pF ±5% 100 FK26C0G2A822J FK16C0G2A822J C0G 10000pF ±5% 100 FK26C0G2A103J FK16C0G2A103J C0G 3300pF ±5% 250 FK26C0G2E332J C0G 3900pF ±5% 250 FK26C0G2E392J C0G 4700pF ±5% 250 FK26C0G2E472J C0G 5600pF ±5% 250 FK26C0G2E562J C0G 6800pF ±5% 250 FK26C0G2E682J C0G 8200pF ±5% 250 FK26C0G2E822J C0G 100pF ±5% 630 FK26C0G2J101J C0G 120pF ±5% 630 FK26C0G2J121J C0G 150pF ±5% 630 FK26C0G2J151J C0G 180pF ±5% 630 FK26C0G2J181J C0G 220pF ±5% 630 FK26C0G2J221J C0G 270pF ±5% 630 FK26C0G2J271J C0G 330pF ±5% 630 FK26C0G2J331J C0G 390pF ±5% 630 FK26C0G2J391J C0G 470pF ±5% 630 FK26C0G2J471J C0G 560pF ±5% 630 FK26C0G2J561J C0G 680pF ±5% 630 FK26C0G2J681J C0G 820pF ±5% 630 FK26C0G2J821J C0G 1000pF ±5% 630 FK26C0G2J102J C0G 1200pF ±5% 630 FK26C0G2J122J C0G 1500pF ±5% 630 FK26C0G2J152J C0G 1800pF ±5% 630 FK26C0G2J182J C0G 2200pF ±5% 630 FK26C0G2J222J C0G 2700pF ±5% 630 FK26C0G2J272J C0G 3300pF ±5% 630 FK26C0G2J332J 5.5max. 5.5max. 5.0 ±1.0 3.5max. 3.5max. Dimensions in mm FK26 FK16 2.5 ±0.8 ø0.5 +0.1 –0.03 ø0.5 +0.1 –0.03 |
Similar Part No. - FK20C0G2J562J |
|
Similar Description - FK20C0G2J562J |