Electronic Components Datasheet Search |
|
FK20C0G2J392J Datasheet(PDF) 2 Page - TDK Electronics |
|
FK20C0G2J392J Datasheet(HTML) 2 Page - TDK Electronics |
2 / 11 page (1/10) 003-01 / 20130312 / leadmlcc_commercial_midvoltage_en.fm • All specifications are subject to change without notice. MLCC with Dipped Radial Lead Commercial Grade Mid Voltage (100 to 630V) FK Series FEATURES • The capacitors adopts the unique structure designed by TDK for high voltage applications, realizing a high withstand voltage despite being small in size. • Rated voltage Edc: 100, 200, and 630V. • The leads are formed with a "kink" to achieve consistent insertion heights and facilitate the release of gases during soldering for dramatically improved solderability. • Taping specifications are available for automatic insertions, which contribute to reduce on-board costs. PRODUCT IDENTIFICATION (1) Series name (2) Dimensions and shapes of lead wire Dimensions in mm (3) Capacitance temperature characteristics Class 1 (Temperature compensation) Class 2 (Temperature stable and general purpose) (4) Rated voltage Edc (5) Nominal capacitance The capacitance is expressed in three digit codes and in units of pico farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. (6) Capacitance tolerance (7) TDK internal code Conformity to RoHS Directive FK 28 X7R 2A 102 K (1) (2) (3) (4) (5) (6) (7) Type L max. W max. T max. F ød Fig 28 4.0 5.5 2.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 24 4.5 5.5 2.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 26 5.5 6.0 3.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 20 5.5 7.0 4.0 5.0±1.0 7±2 0.5+0.1,–0.03 1 22 7.5 8.0 4.0 5.0±1.0 7±2 0.5+0.1,–0.03 1 18 4.0 5.5 2.5 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 14 4.5 5.5 2.5 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 16 5.5 6.0 3.5 2.5±0.8 5+3, –1 0.5+0.1, –0.03 2 11 5.5 7.0 4.0 2.5±0.8 5+3, –1 0.5+0.1, –0.03 2 Temperature characteristics Capacitance change Temperature range C0G 0±30ppm/°C –55 to +125°C Temperature characteristics Capacitance change Temperature range X7R ±15% –55 to +125°C X7S ±22% –55 to +125°C L F Fig.1 ød L T F Fig.2 ød 2A 100V 2E 250V 2J 630V 102 1,000pF 333 33,000pF 474 470,000pF Symbol Tolerance J±5% K ±10% • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
Similar Part No. - FK20C0G2J392J |
|
Similar Description - FK20C0G2J392J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |