Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB20148 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20148
Description  60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20148 Datasheet(HTML) 3 Page - Ericsson

  PTB20148 Datasheet HTML 1Page - Ericsson PTB20148 Datasheet HTML 2Page - Ericsson PTB20148 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PTB 20148
3
e
Efficiency vs. Frequency
(as measured in a broadband circuit)
20
30
40
50
60
70
80
920
925
930
935
940
945
950
955
960
965
Frequency (MHz)
VCC = 25 V
ICQ = 200 mA
Pout = 60 W
Typical Performance
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
LF
© Ericsson Components AB 1995
EUS/KR 1301-PTB 20148 Uen Rev. D 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower


Similar Part No. - PTB20148

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20141 ERICSSON-PTB20141 Datasheet
41Kb / 2P
   18 Watts, 1.465-1.513 GHz Cellular Radio RF Power Transistor
PTB20144 ERICSSON-PTB20144 Datasheet
41Kb / 3P
   6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20145 ERICSSON-PTB20145 Datasheet
41Kb / 3P
   9 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20146 ERICSSON-PTB20146 Datasheet
39Kb / 2P
   0.4 Watt, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20147 ERICSSON-PTB20147 Datasheet
385Kb / 2P
   2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20148

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20135 ERICSSON-PTB20135 Datasheet
47Kb / 3P
   85 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20219 ERICSSON-PTB20219 Datasheet
563Kb / 4P
   70 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20105 ERICSSON-PTB20105 Datasheet
45Kb / 3P
   20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
   150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
   4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
   10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
   25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20220 ERICSSON-PTB20220 Datasheet
512Kb / 3P
   15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20007 ERICSSON-PTB20007 Datasheet
47Kb / 3P
   30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20144 ERICSSON-PTB20144 Datasheet
41Kb / 3P
   6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com