Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43704 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE43704
Description  UltraCMOS짰 RF Digital Step Attenuator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43704 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE43704_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43704_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43704_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43704_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43704_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43704_14 Datasheet HTML 9Page - Peregrine Semiconductor PE43704_14 Datasheet HTML 10Page - Peregrine Semiconductor PE43704_14 Datasheet HTML 11Page - Peregrine Semiconductor PE43704_14 Datasheet HTML 12Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Document No. DOC-16514-6 |
UltraCMOS® RFIC Solutions
Page 8 of 20
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
PE43704
Product Specification
Table 9. Serial Attenuation Word Truth Table
Parallel Control Setting
Attenuation
Setting
RF1-RF2
D6
D5
D4
D3
D2
D1
D0
L
L
L
L
L
L
L
Reference I.L.
L
L
L
L
L
L
H
0.25 dB
L
L
L
L
L
H
L
0.5 dB
L
L
L
L
H
L
L
1 dB
L
L
L
H
L
L
L
2 dB
L
L
H
L
L
L
L
4 dB
L
H
L
L
L
L
L
8 dB
H
L
L
L
L
L
L
16 dB
H
H
H
H
H
H
H
31.75 dB
Table 8. Parallel Truth Table
Attenuation Word
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
L
L
L
L
L
L
L
L
Reference I.L.
L
L
L
L
L
L
L
H
0.25 dB
L
L
L
L
L
H
L
L
1 dB
L
L
L
L
H
L
L
L
2 dB
L
L
L
H
L
L
L
L
4 dB
L
L
H
L
L
L
L
L
8 dB
L
H
L
L
L
L
L
L
16 dB
L
H
H
H
H
H
H
H
31.75 dB
Attenuation
Setting
RF1-RF2
L
L
L
L
L
L
H
L
0.5 dB
Address Word
Address
Setting
A7
(MSB)
A6
A5
A4
A3
A2
A1
A0
X
X
X
X
X
L
L
L
000
X
X
X
X
X
L
L
H
001
X
X
X
X
X
L
H
L
010
X
X
X
X
X
L
H
H
011
X
X
X
X
X
H
L
L
100
X
X
X
X
X
H
L
H
101
X
X
X
X
X
H
H
L
110
X
X
X
X
X
H
H
H
111
Table 10. Serial Address Word Truth Table
Table 11. Serial-Addressable Register Map
Q15
Q14
Q13
Q12
Q11
Q10
A7
A6
A5
A4
A3
A2
Q9
Q8
Q7
Q6
Q5
Q4
A1
A0
D7
D6
D5
D4
Q3
Q2
Q1
Q0
D3
D2
D1
D0
Address Word
Attenuation Word
LSB (first in)
MSB (last in)
Bits can either be set to logic high or logic low
Attenuation Word is derived directly from the attenuation value. For example, to program the 18.25 dB state
at address 3:
Address word: XXXXX011
Attenuation Word: Multiply by 4 and convert to binary → 4 * 18.25 dB → 73 → 01001001
Serial Input: XXXXX01101001001
D7 must be set to logic low
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43704_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_15 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
More results

Similar Description - PE43704_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705_14 Datasheet
790Kb / 18P
   UltraCMOS짰 RF Digital Step Attenuator
PE43205 PSEMI-PE43205 Datasheet
484Kb / 11P
   UltraCMOS짰 RF Digital Attenuator
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
PE43205MLAA-Z PSEMI-PE43205MLAA-Z Datasheet
423Kb / 11P
   UltraCMOS짰 RF Digital Attenuator 2-bit, 18 dB, 35??000 MHz
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com