Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4250MLI Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE4250MLI
Description  Reflective SPDT RF Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4250MLI Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE4250MLI Datasheet HTML 1Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 2Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 3Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 4Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 5Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 6Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 7Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 8Page - Peregrine Semiconductor PE4250MLI Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Specification
PE4250
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0254-02
│ www.psemi.com
Page 3 of 9
Control Logic Input
The PE4250 is a versatile RF CMOS switch that
supports two operating control modes; single-pin
control mode and complementary-pin control
mode.
Single-pin control mode enables the switch to
operate with a single control pin (pin 2) supporting
a +3.3 or 5.0-volt CMOS logic input, and requires
a dedicated +3.3 or 5.0-volt power supply
connection (pin 1). This mode of operation
reduces the number of control lines required and
simplifies the switch control interface typically
derived from a CMOS
µProcessor I/O port.
Complementary-pin control mode allows the
switch to operate using complementary control
pins V1 and V2 (pins 2 & 1), that can be directly
driven by +3.3 or 5.0-volt CMOS logic or a suitable
µProcessor I/O port. This enables the PE4250 to
operate in positive control voltage mode within the
PE4250 operating limits.
Control Voltages
Signal Path
Pin 1 (V2) = VDD
Pin 2 (V1) = High
RFC to RF1
Pin 1 (V2) = VDD
Pin 2 (V1) = Low
RFC to RF2
Table 5. Single-pin Control Logic Truth Table
Table 6. Complementary-pin Control Logic
Truth Table
Control Voltages
Signal Path
Pin 1 (V2 ) = Low
Pin 2 (V1) = High
RFC to RF1
Pin 1 (V2) = High
Pin 2 (V1) = Low
RFC to RF2
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE4250MLI

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4250MLI PEREGRINE-PE4250MLI Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
PE4250MLI-Z PEREGRINE-PE4250MLI-Z Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results

Similar Description - PE4250MLI

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW2100D RFMD-RFSW2100D Datasheet
1Mb / 11P
   55W GaN-on-SiC Reflective SPDT RF Switch
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
   5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
   5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Microsemi Corporation
GG72030 MICROSEMI-GG72030 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
logo
United Monolithic Semic...
CHS2190A UMS-CHS2190A Datasheet
71Kb / 4P
   50-60GHz Reflective SPDT Switch
logo
TriQuint Semiconductor
TQP4M0008 TRIQUINT-TQP4M0008_15 Datasheet
217Kb / 7P
   Low Loss Reflective SPDT Switch
logo
Filtronic Compound Semi...
FMS2001QFN FILTRONIC-FMS2001QFN Datasheet
155Kb / 4P
   SPDT Reflective pHEMT MMIC Switch
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
   Reflective SPDT GaAs MMIC Switch
logo
TriQuint Semiconductor
TQP4M0009 TRIQUINT-TQP4M0009_15 Datasheet
609Kb / 8P
   High Isolation Reflective SPDT Switch
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com