Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD5P10 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQD5P10
Description  P-Channel QFET짰 MOSFET -100 V, -3.6 A, 1.05?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5P10 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQD5P10 Datasheet HTML 1Page - Fairchild Semiconductor FQD5P10 Datasheet HTML 2Page - Fairchild Semiconductor FQD5P10 Datasheet HTML 3Page - Fairchild Semiconductor FQD5P10 Datasheet HTML 4Page - Fairchild Semiconductor FQD5P10 Datasheet HTML 5Page - Fairchild Semiconductor FQD5P10 Datasheet HTML 6Page - Fairchild Semiconductor FQD5P10 Datasheet HTML 7Page - Fairchild Semiconductor FQD5P10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD5P10 Rev. C0
www.fairchildsemi.com
3
0
1
2
345
67
8
0
2
4
6
8
10
12
V
DS = -50V
V
DS = -20V
V
DS = -80V
Note : I
D = -4.5 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
50
100
150
200
250
300
350
400
450
500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
-V
SD , Source-Drain Voltage [V]
036
9
12
0.0
0.5
1.0
1.5
2.0
2.5
Note : T
J = 25℃
V
GS = - 20V
V
GS = - 10V
-I
D , Drain Current [A]
24
6
8
10
10
-1
10
0
10
1
150℃
25℃
-55℃
Notes :
1. V
DS = -40V
2. 250μ s Pulse Test
-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top :
-15.0 V
-10.0 V
-8.0 V
-7.0 V
-6.5 V
-5.5 V
-5.0 V
Bottom : -4.5 V
Note :
1. 250μ s Pulse Test
2. T
C = 25℃
-V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Similar Part No. - FQD5P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5P10 FAIRCHILD-FQD5P10 Datasheet
648Kb / 9P
   100V P-Channel MOSFET
FQD5P10TM FAIRCHILD-FQD5P10TM Datasheet
527Kb / 8P
   P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
FQD5P10 FAIRCHILD-FQD5P10_08 Datasheet
710Kb / 9P
   100V P-Channel MOSFET
More results

Similar Description - FQD5P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5P10TM FAIRCHILD-FQD5P10TM Datasheet
527Kb / 8P
   P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
FQT5P10TF FAIRCHILD-FQT5P10TF Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -1.0 A, 1.05 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FQB8P10TM FAIRCHILD-FQB8P10TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -8.0 A, 185 m廓
FQD7P06TM FAIRCHILD-FQD7P06TM Datasheet
543Kb / 8P
   P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD4P40TM FAIRCHILD-FQD4P40TM Datasheet
917Kb / 8P
   P-Channel QFET짰 MOSFET -400 V, -2.7 A, 3.1 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com