Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD1N60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQD1N60
Description  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD1N60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD1N60 Datasheet HTML 1Page - Fairchild Semiconductor FQD1N60 Datasheet HTML 2Page - Fairchild Semiconductor FQD1N60 Datasheet HTML 3Page - Fairchild Semiconductor FQD1N60 Datasheet HTML 4Page - Fairchild Semiconductor FQD1N60 Datasheet HTML 5Page - Fairchild Semiconductor FQD1N60 Datasheet HTML 6Page - Fairchild Semiconductor FQD1N60 Datasheet HTML 7Page - Fairchild Semiconductor FQD1N60 Datasheet HTML 8Page - Fairchild Semiconductor FQD1N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2000 Fairchild Semiconductor International
April 2000
Rev. A, April 2000
QFET
QFET
QFET
QFETTM
FQD1N60 / FQU1N60
600V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply.
Features
• 1.0A, 600V, RDS(on) = 11.5Ω @VGS = 10 V
• Low gate charge ( typical 5.0 nC)
• Low Crss ( typical 3.0 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings
 T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD1N60 / FQU1N60
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
1.0
A
- Continuous (TC = 100°C)
0.63
A
IDM
Drain Current
- Pulsed
(Note 1)
4.0
A
VGSS
Gate-Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
50
mJ
IAR
Avalanche Current
(Note 1)
1.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
30
W
- Derate above 25°C
0.24
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8
from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
4.17
°C
W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C
W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C
W
* When mounted on the minimum pad size recommended (PCB Mount)
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
I-PAK
FQU Series
D-PAK
FQD Series
G
S
D
G
S
D


Similar Part No. - FQD1N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD1N60 FAIRCHILD-FQD1N60 Datasheet
543Kb / 9P
   600V N-Channel MOSFET
FQD1N60C FAIRCHILD-FQD1N60C Datasheet
640Kb / 9P
   600V N-Channel MOSFET
FQD1N60C FAIRCHILD-FQD1N60C Datasheet
758Kb / 9P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQD1N60C KERSEMI-FQD1N60C Datasheet
824Kb / 8P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N60C FAIRCHILD-FQD1N60C Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
More results

Similar Description - FQD1N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com