Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB9N50C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQB9N50C
Description  N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB9N50C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQB9N50C Datasheet HTML 1Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 2Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 3Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 4Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 5Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 6Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 7Page - Fairchild Semiconductor FQB9N50C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
©2003 Fairchild Semiconductor Corporation
FQB9N50C Rev. C1
www.fairchildsemi.com
1
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQB9N50CTM
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
9A
- Continuous (TC = 100°C)
5.4
A
IDM
Drain Current
- Pulsed
(Note 1)
36
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
360
mJ
IAR
Avalanche Current
(Note 1)
9A
EAR
Repetitive Avalanche Energy
(Note 1)
13.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
135
W
- Derate above 25°C
1.07
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQB9N50CTM
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
0.93
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
62.5
FQB9N50C
N-Channel QFET® MOSFET
500 V, 9 A, 800 mΩ
Features
• 9 A, 500 V, RDS(on) = 800 mΩ (Max.) @ VGS = 10 V, ID = 4.5 A
• Low Gate Charge (Typ. 28 nC)
• Low Crss (Typ. 24 pF)
• 100% Avalanche Tested
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
active power factor correction (PFC), and electronic lamp
ballasts.
G
S
D
D2-PAK
G
S
D


Similar Part No. - FQB9N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N50C FAIRCHILD-FQB9N50C Datasheet
609Kb / 9P
   500V N-Channel MOSFET
FQB9N50C FAIRCHILD-FQB9N50C Datasheet
802Kb / 9P
   500V N-Channel MOSFET
FQB9N50CF FAIRCHILD-FQB9N50CF Datasheet
747Kb / 8P
   500V N-Channel MOSFET
FQB9N50CFTM FAIRCHILD-FQB9N50CFTM Datasheet
747Kb / 8P
   500V N-Channel MOSFET
FQB9N50CFTM_WS FAIRCHILD-FQB9N50CFTM_WS Datasheet
747Kb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQB9N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQI13N50CTU FAIRCHILD-FQI13N50CTU Datasheet
481Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 13 A, 480 m廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com