Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK18C0G2A681J Datasheet(PDF) 5 Page - TDK Electronics

Part # FK18C0G2A681J
Description  MLCC with Dipped Radial Lead Commercial Grade
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK18C0G2A681J Datasheet(HTML) 5 Page - TDK Electronics

  FK18C0G2A681J Datasheet HTML 1Page - TDK Electronics FK18C0G2A681J Datasheet HTML 2Page - TDK Electronics FK18C0G2A681J Datasheet HTML 3Page - TDK Electronics FK18C0G2A681J Datasheet HTML 4Page - TDK Electronics FK18C0G2A681J Datasheet HTML 5Page - TDK Electronics FK18C0G2A681J Datasheet HTML 6Page - TDK Electronics FK18C0G2A681J Datasheet HTML 7Page - TDK Electronics FK18C0G2A681J Datasheet HTML 8Page - TDK Electronics FK18C0G2A681J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
(4/10)
003-01 / 20130312 / leadmlcc_commercial_midvoltage_en.fm
• All specifications are subject to change without notice.
FK26 AND FK16 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 100 to 630V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK26 type
FK16 type
C0G
3900pF
±5%
100
FK26C0G2A392J
FK16C0G2A392J
C0G
4700pF
±5%
100
FK26C0G2A472J
FK16C0G2A472J
C0G
5600pF
±5%
100
FK26C0G2A562J
FK16C0G2A562J
C0G
6800pF
±5%
100
FK26C0G2A682J
FK16C0G2A682J
C0G
8200pF
±5%
100
FK26C0G2A822J
FK16C0G2A822J
C0G
10000pF
±5%
100
FK26C0G2A103J
FK16C0G2A103J
C0G
3300pF
±5%
250
FK26C0G2E332J
C0G
3900pF
±5%
250
FK26C0G2E392J
C0G
4700pF
±5%
250
FK26C0G2E472J
C0G
5600pF
±5%
250
FK26C0G2E562J
C0G
6800pF
±5%
250
FK26C0G2E682J
C0G
8200pF
±5%
250
FK26C0G2E822J
C0G
100pF
±5%
630
FK26C0G2J101J
C0G
120pF
±5%
630
FK26C0G2J121J
C0G
150pF
±5%
630
FK26C0G2J151J
C0G
180pF
±5%
630
FK26C0G2J181J
C0G
220pF
±5%
630
FK26C0G2J221J
C0G
270pF
±5%
630
FK26C0G2J271J
C0G
330pF
±5%
630
FK26C0G2J331J
C0G
390pF
±5%
630
FK26C0G2J391J
C0G
470pF
±5%
630
FK26C0G2J471J
C0G
560pF
±5%
630
FK26C0G2J561J
C0G
680pF
±5%
630
FK26C0G2J681J
C0G
820pF
±5%
630
FK26C0G2J821J
C0G
1000pF
±5%
630
FK26C0G2J102J
C0G
1200pF
±5%
630
FK26C0G2J122J
C0G
1500pF
±5%
630
FK26C0G2J152J
C0G
1800pF
±5%
630
FK26C0G2J182J
C0G
2200pF
±5%
630
FK26C0G2J222J
C0G
2700pF
±5%
630
FK26C0G2J272J
C0G
3300pF
±5%
630
FK26C0G2J332J
5.5max.
5.5max.
5.0
±1.0
3.5max.
3.5max.
Dimensions in mm
FK26
FK16
2.5
±0.8
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


Similar Part No. - FK18C0G2A681J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK18C0G2A681J TDK-FK18C0G2A681J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK18C0G2A681J TDK-FK18C0G2A681J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2A681J TDK-FK18C0G2A681J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK18C0G2A681J TDK-FK18C0G2A681J Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
More results

Similar Description - FK18C0G2A681J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FG11X7R1E475KNT00 TDK-FG11X7R1E475KNT00 Datasheet
267Kb / 31P
   MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A1R5CNU06 TDK-FA18C0G2A1R5CNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A6R8DNU06 TDK-FA18C0G2A6R8DNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com