Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219A Datasheet(PDF) 1 Page - Continental Device India Limited

Part No. 2N2219A
Description  NPN SILICON PLANAR SWITCHING TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDIL [Continental Device India Limited]
Homepage  http://www.cdilsemi.com
Logo 

   
 1 page
background image
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2218A
2N2219A
TO-39
Switching And Linear Application DC And VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N2218A,19A
UNIT
Collector -Emitter Voltage
VCEO
40
V
Collector -Base Voltage
VCBO
75
V
Emitter -Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
800
mA
Power Dissipation @Ta=25 degC
PD
800
mW
Derate Above 25deg C
4.57
mW/deg C
@ Tc=25 degC
PD
3.0
W
Derate Above 25deg C
17.1
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
MIN
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA,IB=0
40
-
V
Collector -Base Voltage
VCBO
IC=10uA.IE=0
75
-
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
6.0
-
V
Collector-Cut off Current
ICBO
VCB=60V, IE=0
-
10
nA
Ta=150 deg C
VCB=60V, IE=0
-
10
uA
ICEX
VCE=60V, VEB=3V
-
10
nA
Emitter-Cut off Current
IEBO
VEB=3V, IC=0
-
10
nA
Base-Cut off Current
IBL
VCE=60V, VEB=3V
-
20
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=150mA,IB=15mA
-
0.3
V
IC=500mA,IB=50mA
1.0
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=150mA,IB=15mA
-
0.6-1.2
V
IC=500mA,IB=50mA
-
2.0
V
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl