Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2222 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N2222
Description  NPN SILICON PLANAR SWITCHING TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2222 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N2222 Datasheet HTML 1Page - Continental Device India Limited 2N2222 Datasheet HTML 2Page - Continental Device India Limited 2N2222 Datasheet HTML 3Page - Continental Device India Limited 2N2222 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2221
2N2222
TO-18
Metal Can Package
Switching and Linear Application DC and VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
2N2221, 22
UNIT
Collector Emitter Voltage
VCEO
30
V
Collector Base Voltage
VCBO
60
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
800
mA
Power Dissipation @Ta=25ºC
PD
500
mW
Derate Above 25ºC
2.28
mW/ºC
Power Dissipation @ Tc=25ºC
PD
1.2
W
Derate Above 25ºC
6.85
mW/ºC
Operating and Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
MIN
MAX
UNIT
Collector Emitter Breakdown Voltage
BVCEO IC=10mA,IB=0
30
V
Collector Base Breakdown Voltage
BVCBO IC=10µA.IE=0
60
V
Emitter Base Breakdown Voltage
BVEBOf IE=10µA, IC=0
5V
Collector Leakage Current
ICBO
VCB=50V, IE=0
10
nA
VCB=50V, IE=0
10
µA
Ta=150 º C
Collector Emitter Saturation Voltage
VCE(Sat)*IC=150mA,IB=15mA
0.4
V
IC=500mA,IB=50mA
1.6
V
Base Emitter Saturation Voltage
VBE(Sat)*IC=150mA,IB=15mA
0.6
1.3
V
IC=500mA,IB=50mA
2.6
V
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
New Jersey Semi-Conduct...
2N2222 NJSEMI-2N2222 Datasheet
130Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
STMicroelectronics
2N2222 STMICROELECTRONICS-2N2222 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Comset Semiconductor
2N2222 COMSET-2N2222 Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Semicoa Semiconductor
2N2222 SEMICOA-2N2222 Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
More results

Similar Description - 2N2222

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N2904A BOCA-2N2904A Datasheet
43Kb / 2P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2218A BOCA-2N2218A Datasheet
56Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2221A CDIL-2N2221A Datasheet
228Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
PN2222 TEL-PN2222 Datasheet
87Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2221A NJSEMI-2N2221A Datasheet
227Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2218A CDIL-2N2218A Datasheet
213Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
PN2222 CDIL-PN2222 Datasheet
268Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
P2N2222 TEL-P2N2222 Datasheet
86Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com