Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2222 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N2222
Description  NPN SILICON PLANAR SWITCHING TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2222 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N2222 Datasheet HTML 1Page - Continental Device India Limited 2N2222 Datasheet HTML 2Page - Continental Device India Limited 2N2222 Datasheet HTML 3Page - Continental Device India Limited 2N2222 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N2221
2N2222
TO-18
Metal Can Package
TO-18 Metal Can Package
G
1
2
3
H
J
L
A
D
B
DIM
MIN
MAX
A
5.24
5.84
B
4.52
4.97
C
4.31
5.33
D
0.40
0.53
E—
0.76
F—
1.27
G—
2.97
H
0.91
1.17
J
0.71
1.21
K12.70
L45 DEG
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
1
2
3
TO-18
1K/polybag
350 gm/1K pcs
3" x 7.5" x 7.5"
5K
17" x 15" x 13.5"
80K
34 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 3 of 4


Similar Part No. - 2N2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
New Jersey Semi-Conduct...
2N2222 NJSEMI-2N2222 Datasheet
130Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
STMicroelectronics
2N2222 STMICROELECTRONICS-2N2222 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Comset Semiconductor
2N2222 COMSET-2N2222 Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Semicoa Semiconductor
2N2222 SEMICOA-2N2222 Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
More results

Similar Description - 2N2222

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N2904A BOCA-2N2904A Datasheet
43Kb / 2P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2218A BOCA-2N2218A Datasheet
56Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2221A CDIL-2N2221A Datasheet
228Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
PN2222 TEL-PN2222 Datasheet
87Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2221A NJSEMI-2N2221A Datasheet
227Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2218A CDIL-2N2218A Datasheet
213Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
PN2222 CDIL-PN2222 Datasheet
268Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
P2N2222 TEL-P2N2222 Datasheet
86Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com