Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPT5E3 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # UPT5E3
Description  5V-48V Small Footprint, Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPT5E3 Datasheet(HTML) 3 Page - Microsemi Corporation

  UPT5E3 Datasheet HTML 1Page - Microsemi Corporation UPT5E3 Datasheet HTML 2Page - Microsemi Corporation UPT5E3 Datasheet HTML 3Page - Microsemi Corporation UPT5E3 Datasheet HTML 4Page - Microsemi Corporation UPT5E3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RF01103, Rev. A (4/5/13)
©2013 Microsemi Corporation
Page 3 of 5
UPT5e3 – UPT48e3, UPT5Re3 – UPT48Re3
and UPTB5e3 – UPTB48e3
ELECTRICAL CHARACTERISTICS
DEVICE TYPE
RATED
STANDOFF
VOLTAGE
VWM
MINIMUM
BREAKDOWN
VOLTAGE
V(BR) @ 1 mA
MAXIMUM
STANDBY
CURRENT
ID @ VWM
MAXIMUM PEAK
PULSE
CURRENT*
IPP @ 10/1000 µs
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
TEMPERATURE
COEFFICIENT
of V(BR)
αV(BR)
Unidirectional
Bi-directional
V
V
µA
A
V
%/
oC
UPT5
UPTB5
5
6.0
50
15.7
9.5
0.030
UPT5R
5
6.0
5
10.5
9.5
0.030
UPT8 & UPT8R
UPTB8
8
9.0
2
10.9
13.7
0.040
UPT10 & UPT10R
UPTB10
10
11.0
2
8.33
18.0
0.045
UPT12 & UPT12R
UPTB12
12
13.8
1
6.94
21.6
0.050
UPT15 & UPT15R
UPTB15
15
16.7
1
5.77
26.0
0.055
UPT17 & UPT17R
UPTB17
17
19.0
1
5.14
29.2
0.060
UPT24 & UPT24R
UPTB24
24
28.4
1
3.47
43.2
0.070
UPT28 & UPT28R
UPTB28
28
31.0
1
3.13
47.8
0.075
UPT33 & UPT33R
UPTB33
33
36.8
1
2.65
56.7
0.080
UPT48 & UPT48R
UPTB48
48
54.0
1
1.78
84.3
0.090
* See figure 1 for IPP waveform of 10/1000 µs test pulse.


Similar Part No. - UPT5E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPT5E3 MCC-UPT5E3 Datasheet
225Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
UPT5E3 MICROSEMI-UPT5E3 Datasheet
225Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - UPT5E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MUPT5E3 MICROSEMI-MUPT5E3 Datasheet
458Kb / 5P
   5V – 48V Powermite1, Surface Mount Transient Voltage Suppressors
Rev. B
logo
UN Semiconducctor INC
4.0SMF UNSEMI-4.0SMF Datasheet
3Mb / 6P
   3.3 To 48V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com