Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB993N51 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OPB993N51
Description  Photologic Slotted Optical Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB993N51 Datasheet(HTML) 5 Page - OPTEK Technologies

  OPB993N51 Datasheet HTML 1Page - OPTEK Technologies OPB993N51 Datasheet HTML 2Page - OPTEK Technologies OPB993N51 Datasheet HTML 3Page - OPTEK Technologies OPB993N51 Datasheet HTML 4Page - OPTEK Technologies OPB993N51 Datasheet HTML 5Page - OPTEK Technologies OPB993N51 Datasheet HTML 6Page - OPTEK Technologies OPB993N51 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 5 of 6
Photologic
® Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics (TA = -40° C to +70° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
(See OP140 / OP240 LED for additional information)
VF
Forward Voltage
-
-
1.70
V
IF = 20 mA, TA = 25° C
IR
Reverse Current
-
-
100
µA
VR = 2.0 V, TA = 25° C
Coupled
(See OPL560 Detector for additional information)
VCC
Operating D.C. Supply Voltage
4.5
-
16
V
ICC
Supply Current
-
-
12
mA
VCC = 4.5V to 16V
VOL
Low Level Output Voltage:
Buffer Totem-Pole
OPB960,OPB970
OPB980,OPB990
Buffer Open-Collector
OPB961,OPB971
OPB981,OPB991
-
-
0.4
V
VCC = 4.5V, IOL = 12.8mA
IF = 0 mA
(14)
Inverter Totem-Pole
OPB962,OPB972
OPB982,OPB992
Inverter Open-Collector OPB963,OPB973
OPB983,OPB993
VCC = 4.5V, IOL = 12.8mA
IF = 15 mA
VOH
High Level Output Voltage:
Buffer Totem-Pole
OPB960,OPB970
OPB980,OPB990
VCC -2.1
-
-
V
VCC = 4.5V to 16V, IOH = -800µA
IF = 15 mA
Inverter Totem-Pole
OPB962,OPB972
OPB982,OPB992
VCC = 4.5V to 16V, IOH = -800µA
IF = 0 mA
(14)
IOH
High Level Output Current:
Buffer Open-Collector
OPB961,OPB971
OPB981,OPB991
-
-
100
µA
VCC = 4.5V to 16V, VOH = 30V
IF = 15 mA
Inverter Open-Collector OPB963,OPB973
OPB981,OPB991
VCC = 4.5V to 16V, VOH = 30V
IF = 0 mA
(14)
IF(+)
LED Positive-Going Threshold Current(16)
-
-
15
mA
VCC = 5.0V, TA = 25° C
IF(+) / IF(-) Hysteresis Ratio
-
1.5
-
-
VCC = 5.0V
tR, tF
Output Rise Time, Output Fall Time
-
70
-
ns
tPLH, tPHL
Propagation Delay Time
Low to High, High to Low
-
5.0
-
µs
VCC = 5.0V, IF peak= 15 mA, TA = 25° C
100 kHz square wave, C = 10pF max.
RL = 360 to GND (Totem-Pole)
RL = 1Kpull-up (Open-Collector)
Notes:
14) Normal application would be with light source blocked, simulated by IF = 0 mA.
15) All parameters are tested using pulse techniques.
16) An increasing current applied to the LED which causes the output logic state to change.
For proper application IF(+), LED current, should be more than the stated maximum.


Similar Part No. - OPB993N51

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB993N51Z TTELEC-OPB993N51Z Datasheet
1Mb / 6P
   Slotted Optical Switch
More results

Similar Description - OPB993N51

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com